Electronic Components Datasheet Search
  English  ▼

X  

28F128 Datasheet(PDF) 26 Page - Intel Corporation

Part # 28F128
Description  3 Volt Intel StrataFlash Memory
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F128 Datasheet(HTML) 26 Page - Intel Corporation

Back Button 28F128 Datasheet HTML 22Page - Intel Corporation 28F128 Datasheet HTML 23Page - Intel Corporation 28F128 Datasheet HTML 24Page - Intel Corporation 28F128 Datasheet HTML 25Page - Intel Corporation 28F128 Datasheet HTML 26Page - Intel Corporation 28F128 Datasheet HTML 27Page - Intel Corporation 28F128 Datasheet HTML 28Page - Intel Corporation 28F128 Datasheet HTML 29Page - Intel Corporation 28F128 Datasheet HTML 30Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 58 page
background image
28F128J3A, 28F640J3A, 28F320J3A
20
Preliminary
NOTES:
1. A0 is not used in either x8 or x16 modes when obtaining the identifier codes. The lowest order address line is
A1. Data is always presented on the low byte in x16 mode (upper byte contains 00h).
2. X selects the specific block’s lock configuration code. See Figure 5 for the device identifier code memory
map.
4.4
Read Status Register Command
The status register may be read to determine when a block erase, program, or lock-bit configuration
is complete and whether the operation completed successfully. It may be read at any time by
writing the Read Status Register command. After writing this command, all subsequent read
operations output data from the status register until another valid command is written. Page-mode
reads are not supported in this read mode. The status register contents are latched on the falling
edge of OE# or the first edge of CE0, CE1, or CE2 that enables the device (see Table 2, “Chip
Enable Truth Table” on page 7). OE# must toggle to VIH or the device must be disabled (see Table
2) before further reads to update the status register latch. The Read Status Register command
functions independently of the VPEN voltage.
During a program, block erase, set lock-bit, or clear lock-bit command sequence, only SR.7 is valid
until the Write State Machine completes or suspends the operation. Device I/O pins DQ0–DQ6 and
DQ8–DQ15 are placed in a high-impedance state. When the operation completes or suspends
(check status register bit 7), all contents of the status register are valid when read.
Table 15. Identifier Codes
Code
Address(1)
Data
Manufacture Code
00000
(00) 89
Device Code
32-Mbit
00001
(00) 16
64-Mbit
00001
(00) 17
128-Mbit
00001
(00) 18
Block Lock Configuration
X
0002(2)
• Block Is Unlocked
DQ0 = 0
• Block Is Locked
DQ0 = 1
• Reserved for Future Use
DQ1–7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com