Electronic Components Datasheet Search
  English  ▼

X  

28F128 Datasheet(PDF) 30 Page - Intel Corporation

Part # 28F128
Description  3 Volt Intel StrataFlash Memory
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F128 Datasheet(HTML) 30 Page - Intel Corporation

Back Button 28F128 Datasheet HTML 26Page - Intel Corporation 28F128 Datasheet HTML 27Page - Intel Corporation 28F128 Datasheet HTML 28Page - Intel Corporation 28F128 Datasheet HTML 29Page - Intel Corporation 28F128 Datasheet HTML 30Page - Intel Corporation 28F128 Datasheet HTML 31Page - Intel Corporation 28F128 Datasheet HTML 32Page - Intel Corporation 28F128 Datasheet HTML 33Page - Intel Corporation 28F128 Datasheet HTML 34Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 58 page
background image
28F128J3A, 28F640J3A, 28F320J3A
24
Preliminary
4.9
Byte/Word Program Commands
Byte/Word program is executed by a two-cycle command sequence. Byte/Word program setup
(standard 40H or alternate 10H) is written followed by a second write that specifies the address and
data (latched on the rising edge of WE#). The WSM then takes over, controlling the program and
program verify algorithms internally. After the program sequence is written, the device
automatically outputs status register data when read (see Figure 8, “Byte/Word Program
Flowchart” on page 31). The CPU can detect the completion of the program event by analyzing the
STS pin or status register bit SR.7.
When program is complete, status register bit SR.4 should be checked. If a program error is
detected, the status register should be cleared. The internal WSM verify only detects errors for “1”s
that do not successfully program to “0”s. The CUI remains in read status register mode until it
receives another command.
Reliable byte/word programs can only occur when VCC and VPEN are valid. If a byte/word
program is attempted while VPEN ≤ VPENLK, status register bits SR.4 and SR.3 will be set to “1.”
Successful byte/word programs require that the corresponding block lock-bit be cleared. If a byte/
word program is attempted when the corresponding block lock-bit is set, SR.1 and SR.4 will be set
to “1.”
4.10
Program Suspend Command
The Program Suspend command allows program interruption to read data in other flash memory
locations. Once the programming process starts (either by initiating a write to buffer or byte/word
program operation), writing the Program Suspend command requests that the WSM suspend the
program sequence at a predetermined point in the algorithm. The device continues to output status
register data when read after the Program Suspend command is written. Polling status register bits
SR.7 can determine when the programming operation has been suspended. When SR.7 = 1, SR.2
should also be set to “1”, indicating that the device is in the program suspend mode. STS in level
RY/BY# mode will also transition to VOH. Specification tWHRH1 defines the program suspend
latency.
At this point, a Read Array command can be written to read data from locations other than that
which is suspended. The only other valid commands while programming is suspended are Read
Query, Read Status Register, Clear Status Register, Configure, and Program Resume. After a
Program Resume command is written, the WSM will continue the programming process. Status
register bits SR.2 and SR.7 will automatically clear and STS in RY/BY# mode will return to VOL.
After the Program Resume command is written, the device automatically outputs status register
data when read. VPEN must remain at VPENH and VCC must remain at valid VCC levels (the same
VPEN and VCC levels used for programming) while in program suspend mode. Refer to Figure 9,
“Program Suspend/Resume Flowchart” on page 32.
4.11
Set Read Configuration Command
This command is not support on this product. This device will default to the asynchronous page
mode. If this command is given to the device it will not effect the operation of the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com