Electronic Components Datasheet Search
  English  ▼

X  

82375EB Datasheet(PDF) 81 Page - Intel Corporation

Part # 82375EB
Description  PCI-EISA BRIDGE (PCEB)
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82375EB Datasheet(HTML) 81 Page - Intel Corporation

Back Button 82375EB Datasheet HTML 77Page - Intel Corporation 82375EB Datasheet HTML 78Page - Intel Corporation 82375EB Datasheet HTML 79Page - Intel Corporation 82375EB Datasheet HTML 80Page - Intel Corporation 82375EB Datasheet HTML 81Page - Intel Corporation 82375EB Datasheet HTML 82Page - Intel Corporation 82375EB Datasheet HTML 83Page - Intel Corporation 82375EB Datasheet HTML 84Page - Intel Corporation 82375EB Datasheet HTML 85Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 131 page
background image
82375EBSB
51103 PCEB Target Termination Conditions
As a target the PCEB terminates a transaction due to the following conditions
Disconnect
 When a target the PCEB always responds with a disconnect to a multiple data phase transaction (see the
Incremental Latency Timer section)
Retry
 When the pending PCI cycle initiates buffer management activity
 When the PCEB is locked as a resource and a PCI master tries to access the PCEB without negating the
PLOCK
signal in the address phase
 When the EISA Bus is occupied by an EISAISA master or DMA
Target Abort
 The PCEB never generates a target abort
51104 PCEB Master Termination Conditions
As an initiator the PCEB terminates a transaction due to the following conditions
 Completion termination is always used by the PCEB signaling to the target that the PCEB is ready to
complete the final data phase of the transaction
 Master abort termination is issued if the PCEB does not receive a DEVSEL
from a target within five
PCICLK’s after FRAME
assertion The PCEB sets the Received Master Abort Status bit in the PCI Status
Register to a 1
 Master initiated termination (disconnect) due to Master Latency Timer expiration when the PCEB’s PCI Bus
grant is removed (internal PCEBGNT
negated)
51105 PCEB ResponsesResults Of Termination
PCEB’s response as a target to a master termination
 Completion termination is the normal way of terminating a transaction
 If a PCI initiator times out due to LT time-out and ends the current transaction the PCEB cannot detect a
difference between normal completion termination and time-out forced termination
PCEB’s response as a master to target termination
 If the PCEB receives a target abort it means that the target device is not capable of handling the transac-
tion The PCEB does not try the cycle again If an EISAISA master or the DMA is waiting for the PCI cycle
to terminate (EXRDY negated) the target abort condition causes the PCEB to assert EXRDY to terminate
the EISA cycle Note that write data is lost and the read data is meaningless This is identical to the way an
unclaimed cycle is handled on the ‘‘normally ready’’ EISA Bus If the Line Buffer is the requester of the PCI
transaction the target abort mechanism ends the PCI cycle but no valid data transfers are performed into
or out of the Line Buffer The Line Buffer does not try the cycle again The Received Target Abort Status bit
in the PCI Status Register is set to 1 indicating that the PCEB experienced a target abort condition
 If the PCEB is retried as an initiator on the PCI Bus it will remove it’s request for 2 PCI clocks before
asserting it again to retry the cycle
81



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com