Electronic Components Datasheet Search
  English  ▼

X  

82375EB Datasheet(PDF) 87 Page - Intel Corporation

Part # 82375EB
Description  PCI-EISA BRIDGE (PCEB)
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82375EB Datasheet(HTML) 87 Page - Intel Corporation

Back Button 82375EB Datasheet HTML 83Page - Intel Corporation 82375EB Datasheet HTML 84Page - Intel Corporation 82375EB Datasheet HTML 85Page - Intel Corporation 82375EB Datasheet HTML 86Page - Intel Corporation 82375EB Datasheet HTML 87Page - Intel Corporation 82375EB Datasheet HTML 88Page - Intel Corporation 82375EB Datasheet HTML 89Page - Intel Corporation 82375EB Datasheet HTML 90Page - Intel Corporation 82375EB Datasheet HTML 91Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 131 page
background image
82375EBSB
This register defaults to 04h at reset This selects fixed mode
4 with the CPU the highest priority device
guaranteeing that BIOS accesses can take place
ARBPRIX Register
Bit
Description
7
Bank 3 Fixed Priority Mode select
60
Reserved
This register defaults to 00h at reset The default value selects REQ1
as a higher priority request than
REQ2
when Bank 3 operates in the fixed priority mode
5411 Fixed Priority Mode
The twelve selectable fixed priority schemes are listed in Table 6
Table 6 Fixed Priority Mode Bank Control Bits
Mode
Bank
Priority
3
2b
2a
1
0
Highest
Lowest
0
0
0
0
0
0
PCEBREQ
REQ0
REQ1
CPUREQ
REQ3
REQ2
1
0
0
0
0
1
REQ0
PCEBREQ
REQ1
CPUREQ
REQ3
REQ2
2
0
0
0
1
0
PCEBREQ
REQ0
REQ1
REQ3
CPUREQ
REQ2
3
0
0
0
1
1
REQ0
PCEBREQ
REQ1
REQ3
CPUREQ
REQ2
4
0
0
1
0
0
CPUREQ
REQ3
PCEBREQ
REQ0
REQ1
REQ2
5
0
0
1
0
1
CPUREQ
REQ3
REQ0
PCEBREQ
REQ1
REQ2
6
0
0
1
1
0
REQ3
CPUREQ
PCEBREQ
REQ0
REQ1
REQ2
7
0
0
1
1
1
REQ3
CPUREQ
REQ0
PCEBREQ
REQ1
REQ2
8
0
1
0
0
0
REQ1
CPUREQ
REQ3
PCEBREQ
REQ0
REQ2
9
0
1
0
0
1
REQ1
CPUREQ
REQ3
REQ0
PCEBREQ
REQ2
A
0
1
0
1
0
REQ1
REQ3
CPUREQ
PCEBREQ
REQ0
REQ2
B
0
1
0
1
1
REQ1
REQ3
CPUREQ
REQ0
PCEBREQ
REQ2
87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com