Electronic Components Datasheet Search
  English  ▼

X  

82375EB Datasheet(PDF) 58 Page - Intel Corporation

Part # 82375EB
Description  PCI-EISA BRIDGE (PCEB)
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82375EB Datasheet(HTML) 58 Page - Intel Corporation

Back Button 82375EB Datasheet HTML 54Page - Intel Corporation 82375EB Datasheet HTML 55Page - Intel Corporation 82375EB Datasheet HTML 56Page - Intel Corporation 82375EB Datasheet HTML 57Page - Intel Corporation 82375EB Datasheet HTML 58Page - Intel Corporation 82375EB Datasheet HTML 59Page - Intel Corporation 82375EB Datasheet HTML 60Page - Intel Corporation 82375EB Datasheet HTML 61Page - Intel Corporation 82375EB Datasheet HTML 62Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 131 page
background image
82375EBSB
Table 4 EISA Resident IDE Registers
(Continued)
Address
(hex)
Addess (Bits)
Access
Type
Register Name
FEDC
BA98
7654
3210
01F4h
0000
0001
1111
0100
RW
Primary Cylinder Low Register
01F5h
0000
0001
1111
0101
RW
Primary Cylinder High Register
01F6h
0000
0001
1111
0110
RW
Primary Drivehead Register
01F7h
0000
0001
1111
0111
RW
Primary Status Register
0376h
0000
0011
0111
0110
RW
Secondary Alternate Status Register
0377h
0000
0011
0111
0111
R
Secondary Drive Address Register
03F6h
0000
0011
1111
0110
RW
Primary Alternate Status Register
03F7h
0000
0011
1111
0111
R
Primary Drive Address Register
42 EISA Cycle Address Decoding
For EISA Bus cycles the PCEB address decoder determines the destination of EISAISA master and DMA
cycles This decoder provides the following functions
 Positively decodes memory and IO addresses that have been programmed into the PCEB for forwarding
to the PCI Bus This includes accesses to devices that reside directly on the PCI (memory Regions 41
and IO Regions 41 ) and segments of main memory that resides behind the HostPCI Bridge
 Provides access attributes for memory Regions 41 These attributes are used to select the most optimum
access mode (buffered or non-buffered)
 All cycles that are not positively decoded to be forwarded to PCI are contained within EISA
NOTE
The registers that reside in the PCEB (configuration registers and BIOS Timer) are not accessible
from the EISA Bus
421 POSITIVELY DECODED MEMORY CYCLES TO MAIN MEMORY
The EISAISA master or DMA addresses that are positively decoded by the PCEB are forwarded to the PCI
Bus If the address is not positively decoded by the PCEB the cycle is not forwarded to the PCI Bus Subtrac-
tive and negative (82374SB only) decoding are not used on the EISA Bus
The PCEB permits several EISA memory address ranges (items a-i) to be positively decoded EISA Bus cycles
to these regions are forwarded to the PCI Bus Regions described by a-f and h are fixed and can be enabled or
disabled independently These regions are controlled by the EADC1 and EADC2 Registers
The region described by g defines a space starting at 1 MByte with a programmable upper boundary of
4 GByte - 2 MByte Within this region a hole can be opened Its size and location are programmable to allow a
hole to be opened in memory space (for a frame buffer on the EISA Bus for example) The size of this region
and the hole are controlled by the MCSTOM MCSBOH and MCSTOH Registers If a hole in main memory is
defined then accesses to that address range are contained within EISA unless defined by the EISA-to-PCI
memory regions as a PCI destined access (See next section)
58



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com