Electronic Components Datasheet Search
  English  ▼

X  

82375EB Datasheet(PDF) 44 Page - Intel Corporation

Part # 82375EB
Description  PCI-EISA BRIDGE (PCEB)
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82375EB Datasheet(HTML) 44 Page - Intel Corporation

Back Button 82375EB Datasheet HTML 40Page - Intel Corporation 82375EB Datasheet HTML 41Page - Intel Corporation 82375EB Datasheet HTML 42Page - Intel Corporation 82375EB Datasheet HTML 43Page - Intel Corporation 82375EB Datasheet HTML 44Page - Intel Corporation 82375EB Datasheet HTML 45Page - Intel Corporation 82375EB Datasheet HTML 46Page - Intel Corporation 82375EB Datasheet HTML 47Page - Intel Corporation 82375EB Datasheet HTML 48Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 131 page
background image
82375EBSB
Bit
Description
76
Reserved
5
Top 64 KByte of 16 MByte Memory Space Enable (FF0000 – FFFFFFh)
This memory block is
enabled when this bit is 1 and disabled when this bit is 0
4
960 KBytes1 MByte Memory Space Enable (0F0000 – 0FFFFFh)
This memory block is enabled
when this bit is 1 and disabled when this bit is 0
3
944 – 960 KByte Memory Space Enable (0EC000 – 0EFFFFh)
This memory block is enabled when
this bit is 1 and disabled when this bit is 0
2
928 – 944 KByte Memory Space Enable (0E8000 – 0EBFFFh)
This memory block is enabled when
this bit is 1 and disabled when this bit is 0
1
912 – 928 KByte Memory Space Enable (0E4000 – 0E7FFFh)
This memory block is enabled when
this bit is 1 and disabled when this bit is 0
0
896 – 912 KByte Memory Space Enable (0E0000 – 0E3FFFh)
This memory block is enabled when
this bit is 1 and disabled when this bit is 0
3122 EPMRAEISA-TO-PCI MEMORY REGION ATTRIBUTES REGISTER
Address Offset
5Ch
Default value
00h
Attribute
ReadWrite
Size
8 bits
This register defines buffering attributes for EISA accesses to PCI memory regions specified by MEM-
REGN 41 Registers When an EPMRA bit is 1 (and the Line Buffers are enabled via the PCICON Register)
EISA accesses to the corresponding PCI memory region are performed in buffered mode In buffered mode
read prefetching and write postingassembly are enabled When an EPMRA bit is 0 EISA accesses to the
corresponding PCI memory region are performed in non-buffered mode In non-buffered mode a buffer by-
pass path is used to complete the transaction
NOTE
1 Using buffered mode for EISA accesses to PCI memory regions that contain memory-mapped IO
devices can cause unintended side effects In buffered mode strong ordering is not preserved within
a Dword If the order of the writes to an IO device is important non-buffered mode should be used
Also read-prefetch can cause unintended changes of status registers in the memory-mapped IO
device
2 The Line Buffers are typically enabled or disabled during system initialization These buffers should
not be dynamically enableddisabled during runtime Otherwise data coherency can be affected if a
buffer containing valid write data is disabled and then later re-enabled
44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com