Electronic Components Datasheet Search
  English  ▼

X  

82375EB Datasheet(PDF) 66 Page - Intel Corporation

Part # 82375EB
Description  PCI-EISA BRIDGE (PCEB)
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82375EB Datasheet(HTML) 66 Page - Intel Corporation

Back Button 82375EB Datasheet HTML 62Page - Intel Corporation 82375EB Datasheet HTML 63Page - Intel Corporation 82375EB Datasheet HTML 64Page - Intel Corporation 82375EB Datasheet HTML 65Page - Intel Corporation 82375EB Datasheet HTML 66Page - Intel Corporation 82375EB Datasheet HTML 67Page - Intel Corporation 82375EB Datasheet HTML 68Page - Intel Corporation 82375EB Datasheet HTML 69Page - Intel Corporation 82375EB Datasheet HTML 70Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 131 page
background image
82375EBSB
Result of no response on EISA
The PCEB runs a standard length EISA IO cycle and terminates normally
Initiator support
The PCEB generates PCI IO write cycles on behalf of an EISA master EISA cycles are forwarded to the PCI
Bus if the IO address is within one of the four programmable IO address regions defined in Section 40
Address Decoding
Result of no response on PCI
Master abort due to DEVSEL
time-out
5125 Memory Read
Target support
Decode
Negative (82374SB only) and Subtractive
Data Path
Flow through
PCEB Response
Memory read cycles may be claimed by the PCEB via negative or subtractive decoding The PCEB claims the
cycle by asserting DEVSEL
Unclaimed PCI cycles (DEVSEL
time-out) are claimed by the PCEB via
subtractively decoding and forwarded to the EISA Bus The memory read cycle is subject to retry If the PCEB
is locked if the cycle triggers buffer management activity or if the EISA Bus is occupied by an EISAISA
master or the DMA the memory read cycle is retried If the cycle is retried due to an occupied EISA Bus the
EISA Bus is requested
Once a memory read cycle is accepted (not retried) by the PCEB the PCI Bus is held in wait states using
TRDY
until the cycle is completed to the EISA Bus
Incremental burst memory reads destined for the EISA Bus take longer than the allowed 8 PCICLKs There-
fore any burst memory read cycle decoded by the PCEB causes the PCEB to target terminate the cycle after
the first data transaction using the disconnect semantics of the STOP
signal (Figure 5-8 Disconnect A)
Result of no response on EISA
The PCEB runs a standard length EISA memory read cycle and terminates normally
Initiator support
Data Path Line Buffer when enabled Flow through when Line Buffer is disabled or it is a bypass cycle
Cycle Generation Conditions
As an initiator the PCEB generates a PCI memory read cycle when it decodes an EISA memory read cycle
destined to the PCI that can not be serviced by the Line Buffer This condition occurs for EISAISA master and
DMA cycles that can not be serviced by the Line Buffer because the Line Buffer is empty there is a Line Buffer
miss or Line Buffering is disabled
As an initiator the PCEB only generates linear incrementing burst ordering that is signaled by AD 10 e 00
during the address phase Other types of burst transfers (ie cache line toggle mode) are never initiated by the
PCEB
The PCEB generates a burst memory read when it is fetching 16 bytes into one of the four Line Buffers
Result of no response on PCI
Master abort due to DEVSEL
time-out PCEB returns data value FFFFFFFFh
66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com