Electronic Components Datasheet Search
  English  ▼

X  

82375EB Datasheet(PDF) 54 Page - Intel Corporation

Part # 82375EB
Description  PCI-EISA BRIDGE (PCEB)
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82375EB Datasheet(HTML) 54 Page - Intel Corporation

Back Button 82375EB Datasheet HTML 50Page - Intel Corporation 82375EB Datasheet HTML 51Page - Intel Corporation 82375EB Datasheet HTML 52Page - Intel Corporation 82375EB Datasheet HTML 53Page - Intel Corporation 82375EB Datasheet HTML 54Page - Intel Corporation 82375EB Datasheet HTML 55Page - Intel Corporation 82375EB Datasheet HTML 56Page - Intel Corporation 82375EB Datasheet HTML 57Page - Intel Corporation 82375EB Datasheet HTML 58Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 131 page
background image
82375EBSB
4112 BIOS Memory Space
The BIOS memory space is subtractively decoded BIOS is typically ‘‘shadowed’’ after configuration and
initialization is complete Thus negative decoding is not implemented for accesses to the BIOS EPROM
residing on the expansion bus
The ESC decoder supports BIOS space up to 512 KBytes The standard 128 KByte BIOS memory space is
000E 0000h to 000F FFFFh (top of 1 MByte) and aliased at FFFE 0000h to FFFF FFFFh (top of 4 GByte) and
FFEE 0000h to FFEF FFFFh (top of 4 GByte -1 MByte) These aliased regions account for the CPU reset
vector and the uncertainty of the state of the A20Gate when a software reset occurs
Note that the ESC component contains the BIOS space decoder that provides address aliasing for BIOS at
4 GByte or 4 GByte - 1 MByte by ignoring the LA20 address line
The additional 384 KByte BIOS memory space at FFF8 0000h to FFFD FFFFh is known as the enlarged BIOS
memory space Note that EISA memory (other than BIOS) must not reside within the address range from
4 GByte -15 MByte to 4 GByte - 1 MByte and from 4 GByte - 512 KByte to 4 GByte to avoid conflict with BIOS
space
Since the BIOS device is 8 or 16 bits wide and typically has very long access times PCI burst reads from BIOS
space invoke a disconnect target termination (using the STOP
signal) after the first data transaction in order
to meet the PCI incremental latency guidelines
4113 Subtractively And Negatively Decoded Cycles To EISA
The PCEB uses subtractive and negative (82375SB only) decoding to forward PCI Bus cycles to the EISA Bus
These modes are defined at the beginning of section 40 Bit 0 of the PDCON Register selects between
negative and subtractive decoding
For subtractive decoding on the 82375EB the DEVSEL
sample point (Figure 5) can be configured to two
different settings by programming the PCICON Register If the ‘‘typical’’ point is selected DEVSEL
is sam-
pled at T and if inactive the cycle is forwarded to EISA If the ‘‘slow’’ point is selected DEVSEL
is sampled
at F T and S The sample point should be configured to match the slowest PCI device in the system This
programmable capability (T or S) permits systems to optimize the DEVSEL
time-out latency to the response
capabilities of the PCI devices in the system The sample point selected must accommodate the slowest
device on the PCI Bus Note that when these unclaimed cycles are forwarded to the EISA Bus the PCEB
drives the DEVSEL
active An active MEMCS
always results in an active DEVSEL
on the ‘‘Typical’’
sample point
For subtractive decoding on the 82375SB the DEVSEL
sample point can be configured to two different
settings by programming the PCICON Register (slow and typical)
54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com