Electronic Components Datasheet Search
  English  ▼

X  

82375EB Datasheet(PDF) 62 Page - Intel Corporation

Part # 82375EB
Description  PCI-EISA BRIDGE (PCEB)
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82375EB Datasheet(HTML) 62 Page - Intel Corporation

Back Button 82375EB Datasheet HTML 58Page - Intel Corporation 82375EB Datasheet HTML 59Page - Intel Corporation 82375EB Datasheet HTML 60Page - Intel Corporation 82375EB Datasheet HTML 61Page - Intel Corporation 82375EB Datasheet HTML 62Page - Intel Corporation 82375EB Datasheet HTML 63Page - Intel Corporation 82375EB Datasheet HTML 64Page - Intel Corporation 82375EB Datasheet HTML 65Page - Intel Corporation 82375EB Datasheet HTML 66Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 131 page
background image
82375EBSB
424 EXTERNAL EISA-TO-PCI IO ADDRESS DECODER
Since the IO address map may be highly fragmented it is impractical to provide enough programmable
regions to completely define mapping of registers for IO devices on the PCI The PCEB’s input signal pin
PIODEC
can be used if a more complex IO decode scheme is needed PIODEC
complements the
functions of the four PCEB programmable IO regions with external decode logic If PIODEC
is asserted
during an EISA IO cycle the cycle is forwarded to the PCI Bus
If the PIODEC
signal is not used a pull-up resistor is required to provide an inactive signal level
43 Palette DAC Snoop Mechanism
Some advanced graphics EISAISA expansion boards use the pre-DAC VGA pixel data from the VGA Special
Feature Connector and merge it with advanced graphics data (multi-media for example) The merged data is
then run through a replicated palette DAC on the advanced graphics expansion board to create the video
monitor signal The replicated palette DAC is kept coherent by snooping VGA palette DAC writes Snooping
becomes an issue in a system where the VGA controller is placed on the PCI Bus and the snooping graphics
board is on the EISA expansion bus Normally the PCI VGA controller will respond to the palette DAC writes
with DEVSEL
so the PCEB will not propagate the cycle to the EISA Bus using subtractive decoding
The burden for solving this problem is placed on the VGA subsystem residing on the PCI The VGA subsystem
on PCI must have an enabledisable bit associated with palette DAC accesses When this bit is enabled the
PCI VGA device responds in handshake fashion (generates DEVSEL
TRDY
etc) to IO reads and writes
to the palette DAC space
When this bit is disabled the PCI VGA device responds in handshake fashion only to IO reads to palette DAC
space IO writes to the palette DAC space will be snooped (data latched) by the PCI VGA device but the PCI
VGA subsystem will not generate a DEVSEL
In this case the IO write will be forwarded to the EISA Bus by
the PCEB as a result of subtractive decode The PCI VGA device must be able to snoop these cycles in the
minimum EISA cycle time
The state of palette-DAC snooping control bit does not affect IO reads from the palette DAC space Regard-
less of whether this bit is enabled or disabled the PCI VGA device will service the IO reads from the palette
DAC space
50 PCI INTERFACE
The PCEB provides the PCI Interface for the PCI-EISA Bridge The PCEB can be an initiator (master) or target
(slave) on the PCI Bus and supports the basic PCI Bus commands as described in Section 511 PCI Com-
mand Set For EISA-to-PCI transfers the PCEB is a master on the PCI Bus on behalf of the requesting EISA
device An EISA device can read and write either PCI memory or IO space
The PCEB forwards unclaimed PCI Bus cycles to EISA For PCI Bus cycles that are not claimed the PCEB
becomes a slave on the PCI Bus (claiming the cycle via subtractive or negative decoding) and forwards the
cycle to the EISA Bus Note that negative decoding is only used on the 82374SB
This section describes the PCI Bus transactions supported by the PCEB The section also covers the PCI Bus
latency mechanisms in the PCEB that limit a master’s time on the bus and the PCEB support of parity In
addition the PCEB contains PCI Bus arbitration circuitry that supports up to six masters PCI Bus arbitration is
described in Section 54
62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com