Electronic Components Datasheet Search
  English  ▼

X  

82375EB Datasheet(PDF) 85 Page - Intel Corporation

Part # 82375EB
Description  PCI-EISA BRIDGE (PCEB)
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82375EB Datasheet(HTML) 85 Page - Intel Corporation

Back Button 82375EB Datasheet HTML 81Page - Intel Corporation 82375EB Datasheet HTML 82Page - Intel Corporation 82375EB Datasheet HTML 83Page - Intel Corporation 82375EB Datasheet HTML 84Page - Intel Corporation 82375EB Datasheet HTML 85Page - Intel Corporation 82375EB Datasheet HTML 86Page - Intel Corporation 82375EB Datasheet HTML 87Page - Intel Corporation 82375EB Datasheet HTML 88Page - Intel Corporation 82375EB Datasheet HTML 89Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 131 page
background image
82375EBSB
54 PCI Bus Arbitration
The PCEB contains a PCI Bus arbiter that supports six PCI Bus mastersThe HostPCI Bridge PCEB and four
other masters The PCEB’s REQ
GNT
signals are internal An external arbiter is not supported Note that
for proper arbiter operation CPUREQ
must be sampled high by the PCEB when PCIRST
makes a low-to-
high transition The internal arbiter contains several features that contribute to system efficiency
 Use of the internal RESUME
signal to re-enable a backed-off initiator in order to minimize PCI Bus
thrashing when the PCEB generates a retry
 A programmable timer to re-enable retried initiators after a number of PCICLK’s
 A programmable PCI Bus lock or PCI resource lock function
 The CPU HostPCI can be optionally parked on the PCI Bus
In addition the PCEB has three PCI sideband signals (FLUSHREQ
MEMREQ
and MEMACK ) that are
used to control system buffer coherency and control operations for the Guaranteed Access Time (GAT) mode
541 PCI ARBITER CONFIGURATION
The PCI arbitration priority scheme is programmable through the configuration registers The arbiter consists
of four banks that can be configured so that the six masters to be arranged in a purely rotating priority scheme
one of 24 fixed priority schemes or a hybrid combination (Figure 21)
85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com