Electronic Components Datasheet Search
  English  ▼

X  

82375EB Datasheet(PDF) 10 Page - Intel Corporation

Part # 82375EB
Description  PCI-EISA BRIDGE (PCEB)
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82375EB Datasheet(HTML) 10 Page - Intel Corporation

Back Button 82375EB Datasheet HTML 6Page - Intel Corporation 82375EB Datasheet HTML 7Page - Intel Corporation 82375EB Datasheet HTML 8Page - Intel Corporation 82375EB Datasheet HTML 9Page - Intel Corporation 82375EB Datasheet HTML 10Page - Intel Corporation 82375EB Datasheet HTML 11Page - Intel Corporation 82375EB Datasheet HTML 12Page - Intel Corporation 82375EB Datasheet HTML 13Page - Intel Corporation 82375EB Datasheet HTML 14Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 131 page
background image
82375EBSB
memory treadmill enabling the IO core to provide maximum benefit over multiple generations of processor
memory technology For this reason the PCI-EISA Bridge can be used with different processors (ie deriva-
tives of the Intel486 CPU or the new generation processors such as the Pentium processor) Regardless of
the new requirements imposed on the processor side of the HostPCI Bridge (eg 64-bit data path 33V
interface etc) the PCI side remains unchanged This standard PCI environment allows reusability not only of
the rest of the platform chip set (ie PCI-EISA Bridge) but also of all other IO functions interfaced at the PCI
level These functions typically include graphics SCSI and LAN
EISA Bus
The EISA bus in the system shown in the Figure 1 represents a second level IO bus It allows personal
computer platforms built around the PCI as a primary IO bus to leverage the large EISAISA product base
Combinations of PCI and EISA buses both of which can be used to provide expansion functions will satisfy
even the most demanding applications
Along with compatibility for 16-bit and 8-bit ISA hardware and software the EISA bus provides the following
key features
 32-bit addressing and 32-bit data path
 33 MBytesec bus bandwidth
 Multiple bus master support through efficient arbitration
 Support for autoconfiguration
Integrated Bus Central Control Functions
The PCI-EISA Bridge chip set integrates central bus functions on both the PCI and EISA Buses For PCI the
functions include PCI bus arbitration and the default bus driver For the EISA Bus central functions include the
EISA Bus controller and EISA arbiter that are integrated in the ESC and EISA data swap buffers that are
integrated in the PCEB
Integrated System Functions
The PCI-EISA Bridge chip set integrates system functions including PCI parity and system error reporting
buffer management PCI and EISA memory and IO address space mapping and decoding For maximum
flexibility all of these functions are programmable allowing for variety of optional features
11 PCEB Overview
The PCEB and ESC form a PCI-EISA Bridge chip set The PCEBESC interface provides the inter-chip com-
munications between these two devices The major functions provided by the PCEB are described in this
section
PCI Bus Interface
The PCEB can be either a master or slave on the PCI Bus and supports bus frequencies from 25-to-33 MHz
The PCEB becomes a slave when it positively decodes a PCI cycle The PCEB also becomes a slave for
unclaimed cycles on the PCI Bus These unclaimed cycles are subtractively decoded by the PCEB and
forwarded to the EISA Bus As a slave the PCEB supports single cycle transfers for memory IO and
configuration operations
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com