Electronic Components Datasheet Search
  English  ▼

X  

82375EB Datasheet(PDF) 94 Page - Intel Corporation

Part # 82375EB
Description  PCI-EISA BRIDGE (PCEB)
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82375EB Datasheet(HTML) 94 Page - Intel Corporation

Back Button 82375EB Datasheet HTML 90Page - Intel Corporation 82375EB Datasheet HTML 91Page - Intel Corporation 82375EB Datasheet HTML 92Page - Intel Corporation 82375EB Datasheet HTML 93Page - Intel Corporation 82375EB Datasheet HTML 94Page - Intel Corporation 82375EB Datasheet HTML 95Page - Intel Corporation 82375EB Datasheet HTML 96Page - Intel Corporation 82375EB Datasheet HTML 97Page - Intel Corporation 82375EB Datasheet HTML 98Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 131 page
background image
82375EBSB
5452 Guaranteed Access Time Mode
When the PCEB’s Guaranteed Access Time Mode is enabled (via the ARBCON Register) MEMREQ
and
MEMACK
are used to guarantee that the ISA 21ms CHRDY specification is not violated Note that EISA’s
25 ms maximum negation time of the EXRDY signal is a subset of the ISA requirement Thus 21 ms satisfies
both bus requirements
When an EISAISA master or DMA slave requests the EISA Bus (MREQ
or DREQ
active) the EISA Bus
the PCI Bus and the memory bus must be arbitrated for and all three must be owned before the EISAISA
master or DMA is granted the EISA Bus The following lists the sequence of events
1 An EISAISA master DMA or refresh logic requests the EISA Bus The ESC asserts EISAHOLD signal to
the PCEB
2 The PCEB completes the present cycle (ie does not accept any new cycle) and gives the bus to the ESC
by floating its EISA interface and asserting EISAHLDA Before giving the bus to the ESC the PCEB checks
to see if it is locked as a PCI resource It can not grant the EISA Bus as long as the PCEB is locked
At this point the PCEB’s EISA-to-PCI Line Buffers and other system buffers (eg HostPCI Bridge buffers)
that are pointing to the PCI Bus are not flushed The reason is that the ESC might request the bus to run a
refresh cycle that does not require buffer flushing This is not known until the EISA arbitration is frozen (after
EISAHLDA is asserted)
3 Depending on whether the pending cycle is a refresh the ESC initiates one of the following two actions
a If the ESC needs to perform a refresh cycle then it asserts NMFLUSH
(an ESC-to-PCEB flush control
signal) The ESC drives the EISA Bus until it completes the refresh cycle and then gives the bus to the
PCEB by negating EISAHOLD
b If the ESC requested the EISA Bus on behalf of the EISA master DMA or ISA master then it asserts
NMFLUSH
and tri-states the EISA Bus If the PCEB is programmed in GAT (Guaranteed Access Time
mode) the MEMREQ
and FLSHREQ
signals are asserted simultaneously to indicate request for
direct access to main memory and a request to flush the system’s posted write buffers pointing towards
the PCI (including the PCEB’s internal buffers) These requirements are necessary to insure that once the
PCI and EISA Buses are dedicated to the PCEB the cycle generated by the PCEB will not require the PCI
or EISA Buses thus creating a deadlock MEMREQ
and FLSHREQ
are asserted as long as the
EISAISA master or DMA owns the EISA Bus
4 Once the HostPCI Bridge has disabled and flushed its posted write buffers and the memory bus is
dedicated to the PCI interface it asserts MEMACK
Other bridges in the system may also need to disable
and flush their posted write buffers pointing towards PCI due to the FLSHREQ
signal This means that
other devices may also generate a MEMACK
All of the MEMACK s need to be ‘‘wire-OR’d’’ When the
PCEB receives MEMACK
it assumes that all of the critical posted write buffers in the system have been
flushed and that the PCEB has direct access to main memory located behind the HostPCI Bridge
5 When MEMACK
is asserted by the PCEB it will request the PCI Bus (internal PCEBREQ
signal) Before
requesting the PCI Bus the PCEB checks to see that the PCI Bus does not have an active lock The PCI
Bus is granted to the PCEB when it wins the bus through the normal arbitration mechanism Once the PCEB
is granted the PCI Bus (internalPCEBGNT ) the PCEB checks to see if PLOCK
is negated before it
grants the EISA Bus If the PCI Bus is locked when the PCEB is granted the PCI Bus the PCEB releases the
REQ
signal and waits until the PLOCK
is negated before asserting REQ
again Once the PCEB owns
the PCI Bus (internal PCEBGNT ) and the MEMACK
and MEMREQ
signals are asserted the PCI
arbiter will not grant the PCI Bus to any other PCI master except the PCEB until the PCEB releases its PCI
REQ
line
6 When the PCEB is granted the PCI Bus (internal PCEBGNT ) and LOCK
is inactive it asserts
NMFLUSH
to the ESC and the ESC gives the bus grant to the EISA device
94



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com