| Electronic Components Datasheet Search |
|
82375EB Datasheet(PDF) 51 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
82375EB Datasheet(HTML) 51 Page - Intel Corporation |
|
51 / 131 page ![]() 82375EBSB 5 Positively decodes memory addresses for selected regions of main memory (located behind the HostPCI Bridge) When a main memory address is positively decoded the PCEB asserts the MEMCS signal to the HostPCI Bridge The PCEB does not assert DEVSEL 6 Subtractively or negatively (82375SB only) decodes cycles to the EISA Bus (see Section 411 Memory Space Address Decoding) NOTE A PCI requirement is that upon power-up PCI agents do not respond to any address Typically the only access to a PCI agent is through the IDSEL configuration mechanism until the agent is enabled during initialization The PCEBESC subsystem is an exception to this since it controls access to the BIOS boot code The PCEB subtractively decodes BIOS accesses and passes the accesses to the EISA Bus where the ESC generates BIOS chip select This allows BIOS memory to be located in the PCI memory space 411 MEMORY SPACE ADDRESS DECODING The MCSCON MCSTOP MCSBOH MCSTOM and PDCON Registers are used to program the decoding for PCI Bus memory cycles 4111 Main Memory Decoding (MEMCS ) The PCEB supports positive decode of main memory areas by generating a memory chip select signal (MEMCS ) to the HostPCI Bridge that contains the main memory interface control The PCEB supports memory sizes up to 512 MBytes (ie the PCEB can be programmed to generate MEMCS for this memory range) For PCI memory accesses above 512 MByte (512 MBytes to 4 GBytes) the PCEB does not generate MEMCS and unclaimed cycles are forwarded to the EISA Bus using either subtractive or negative (82374SB only) decoding If a memory region is enabled accesses to that region are positively decoded and result in the PCEB asserting MEMCS If a memory region is disabled accesses do not generate MEMCS and the cycle is either subtractively or negatively (82374SB only) decoded and forwarded to the EISA Bus Within the 512 MByte main memory range the PCEB supports the enablingdisabling of sixteen individual memory ranges (Figure 3) Fourteen of the ranges are within the 640 KByte - 1 MByte area and have Read Enable (RE) and Write Enable (WE) attributes These attributes permit positive address decoding for reads and writes to be independently enableddisabled This permits for example an address range to be positively decoded for a memory read and subtractively or negatively (82374SB only) decoded to the EISA Bus for a memory write The fifteenth range (0 – 512 KByte) and sixteenth range (programmable limit address from 2 MByte up to 512 MByte on 2 MByte increments) can be enabled or disabled but do not have REWE attributes A seven- teenth range is available that identifies a memory hole Addresses within this hole will not generate a MEMCS These memory address ranges are 0–512 KByte 512–640 KByte 640–768 KBytes (VGA memory page) 960 KByte to 1 MByte (BIOS Area) 768–896 KByte in 16 KByte segments (total of 8 segments) 896–960 KByte in 16 KByte segments (total of 4 segments) 960 KByte to 1 MByte (Upper BIOS area) 1–512 MByte in 2 MByte increments Programmable memory hole in 64 KByte increments between 1 MByte and 16 MByte 51 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |