Electronic Components Datasheet Search
  English  ▼

X  

82375EB Datasheet(PDF) 88 Page - Intel Corporation

Part # 82375EB
Description  PCI-EISA BRIDGE (PCEB)
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82375EB Datasheet(HTML) 88 Page - Intel Corporation

Back Button 82375EB Datasheet HTML 84Page - Intel Corporation 82375EB Datasheet HTML 85Page - Intel Corporation 82375EB Datasheet HTML 86Page - Intel Corporation 82375EB Datasheet HTML 87Page - Intel Corporation 82375EB Datasheet HTML 88Page - Intel Corporation 82375EB Datasheet HTML 89Page - Intel Corporation 82375EB Datasheet HTML 90Page - Intel Corporation 82375EB Datasheet HTML 91Page - Intel Corporation 82375EB Datasheet HTML 92Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 131 page
background image
82375EBSB
Table 6 Fixed Priority Mode Bank Control Bits
(Continued)
Mode
Bank
Priority
3
2b
2a
1
0
Highest
Lowest
x
1
1
x
x
Reserved
10
1
0
0
0
0
PCEBREQ
REQ0
REQ2
CPUREQ
REQ3
REQ1
11
1
0
0
0
1
REQ0
PCEBREQ
REQ2
CPUREQ
REQ3
REQ1
12
1
0
0
1
0
PCEBREQ
REQ0
REQ2
REQ3
CPUREQ
REQ1
13
1
0
0
1
1
REQ0
PCEBREQ
REQ2
REQ3
CPUREQ
REQ1
14
1
0
1
0
0
CPUREQ
REQ3
PCEBREQ
REQ0
REQ2
REQ1
15
1
0
1
0
1
CPUREQ
REQ3
REQ0
PCEBREQ
REQ1
REQ2
16
1
0
1
1
0
REQ3
CPUREQ
PCEBREQ
REQ0
REQ2
REQ1
17
1
0
1
1
1
REQ3
CPUREQ
REQ0
PCEBREQ
REQ2
REQ1
18
1
1
0
0
0
REQ2
CPUREQ
REQ3
PCEBREQ
REQ0
REQ1
19
1
1
0
0
1
REQ2
CPUREQ
REQ3
REQ0
PCEBREQ
REQ1
1A
1
1
0
1
0
REQ2
REQ3
CPUREQ
PCEBREQ
REQ0
REQ1
1B
1
1
0
1
1
REQ2
REQ3
CPUREQ
REQ0
PCEBREQ
REQ1
x
1
1
x
x
Reserved
Note that these two tables are permutations of the same table with different value of the Bank 3 fixed priority
control bit The fixed bank control bit(s) selects which requester is the highest priority device within that
particular bank Bits 74 must be programmed to all 0’s (rotate mode disabled) to get these combinations The
selectable fixed priority schemes provide 24 of the 128 possible fixed mode permutations possible for the six
masters
88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com