Electronic Components Datasheet Search
  English  ▼

X  

82375EB Datasheet(PDF) 50 Page - Intel Corporation

Part # 82375EB
Description  PCI-EISA BRIDGE (PCEB)
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82375EB Datasheet(HTML) 50 Page - Intel Corporation

Back Button 82375EB Datasheet HTML 46Page - Intel Corporation 82375EB Datasheet HTML 47Page - Intel Corporation 82375EB Datasheet HTML 48Page - Intel Corporation 82375EB Datasheet HTML 49Page - Intel Corporation 82375EB Datasheet HTML 50Page - Intel Corporation 82375EB Datasheet HTML 51Page - Intel Corporation 82375EB Datasheet HTML 52Page - Intel Corporation 82375EB Datasheet HTML 53Page - Intel Corporation 82375EB Datasheet HTML 54Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 131 page
background image
82375EBSB
2 Subtractive decoding For PCI memory or IO cycles the PCEB uses subtractive decoding (or negative
decoding described in
3 of this list for the 82375SB) to respond to addresses that are not positively
decoded With subtractive decoding if a memory or IO cycle is not claimed on the PCI Bus (via
DEVSEL ) the PCEB forwards the cycle to the EISA Bus The PCEB waits a programmable number of
PCICLKs (1 to 3 PCICLKs as selected via the PCICON Register) for a PCI agent to claim the cycle If the
cycle is not claimed within the programmed number of PCICLKs (DEVSEL
time-out) the PCEB claims the
cycle (asserts DEVSEL ) and forwards it to the EISA Bus Note that the number of PCICLKs for a
DEVSEL
time-out should be programmed to accommodate the slowest PCI Bus device
3 Negative decoding For the 82375SB negative decoding is a programmable option (via the PDCON
Register) that is only used for PCI memory cycles With negative decoding a PCI memory cycle that is not
positively decoded by the PCEB as a main memory area (one of the MEMCS
generation areas) and is not
in one of the four programmable EISA-to-PCI memory regions (defined by MEMREGN 41 ) is immediately
forwarded to the EISA Bus This occurs without waiting for a DEVSEL
time-out to see if the cycle is going
to be claimed on the PCI Bus Thus negative decoding can reduce the latency incurred by waiting for a
DEVSEL
time-out that is associated with subtractive decoding This increases throughput to the EISA Bus
for unclaimed PCI memory cycles If the DEVSEL
time-out is set to a 2 PCICLKtime-out the latency is
reduced by 1 PCICLK and for a 3 PCICLK time-out the latency is reduced by 2 PCICLKs For more
information on negative (and subtractive) decoding see Section 4113 Subtractively and Negatively De-
coded Cycles to EISA
Note that negative decoding imposes a restriction on the PCI system memory address map PCI memory-
mapped devices are restricted to one of the four programmable EISA-to-PCI regions (MEMREGN 41 )
These regions always use subtractive decoding to forward an unclaimed cycle to the EISA Bus even if
negative decoding is enabled Locating devices in these regions ensures that the PCI device has the
allotted number of programmed PCICLKs (DEVSEL
time-out) to respond with DEVSEL
Further since
the PCEB does not negatively decode IO space addresses enabling this feature does not impose restric-
tions on devices that are mapped to PCI IO space
41 PCI Cycle Address Decoding
The PCEB decodes addresses presented on the multiplexed PCI addressdata bus during the address bus
phase AD 310 and the byte enables (CBE 30
during the data phase) are used for address decoding
CBE 30
are used during the data phase to indicate which byte lanes contain valid data For memory
cycles the PCI address decoding is always a function of AD 312
In the case of IO cycles all 32 address
bits (AD 310 ) are used to provide addressing with byte granularity For configuration cycles only a subset of
the address lines carry address information
The PCEB decodes the following PCI cycle addresses based on the contents of the relevant programmable
registers
1 Positively decodes PCEB configuration registers
2 Positively decodes IO addresses contained within the PCEB (BIOS Timer)
3 Positively decodes the following compatibility IO registers to improve performance a) Interrupt controller
(8259) IO registers contained within the ESC to optimize interrupt processing if enabled through the
PDCON Register b) IDE registers if enabled through the PDCON Register
4 Positively decodes four programmable memory address regions contained within the PCI memory space
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com