| Electronic Components Datasheet Search |
|
82375EB Datasheet(PDF) 84 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
82375EB Datasheet(HTML) 84 Page - Intel Corporation |
|
84 / 131 page ![]() 82375EBSB 5311 Address Phase As a master the PCEB drives AD 310 and CBE 30 and calculates the corresponding parity value and drives it on the PAR signal 1 clock later As a target the PCEB does not check parity during the address phase of a bus cycle 5312 Data Phase As a master during a write cycle the PCEB drives AD 310 and CBE 30 and calculates the correspond- ing parity value and drives it on the PAR signal 1 clock later As a master during a read cycle the PCEB only drives CBE 30 The responding target drives AD 310 lines (data) and calculates parity based on the received CBE 30 and outgoing AD 310 signals The target drives PAR during the following clock The PCEB calculates parity based on the outgoing CBE 30 and the incoming AD 310 signals at the end of the data phase It compares it with the incoming value of the PAR signal and asserts PERR if there is no match As a target during a write cycle the PCEB calculates parity on the incoming AD 310 and CBE 30 signals and compares the result on the next clock with the incoming value on the PAR signal If the value does not match the PCEB asserts PERR As a target during a read cycle the PCEB calculates parity on the incoming CBE 30 and outgoing AD 310 signals The PCEB drives the calculated parity value during the next clock The master of the transaction receives the data calculates parity on its outgoing CBE 30 and incoming AD 310 signals and compares its calculated value on the next clock with the parity value on the PAR signal (supplied by the PCEB) If the values do not match the master asserts PERR 532 PARITY ERRORPERR SIGNAL When the PCEB is involved in a bus transaction (master or target) it asserts the PERR signal if enabled via the PCICMD Register to indicate a parity error for the bus cycle PERR is a sustained tri-state (sts) type of signal (see Section 20 Signal Description) Note that PCI parity errors signaled by PERR are reported to the host processor via the ESC’s system interrupt control logic When the PCEB detects a parity error during one of its bus transactions it sets the parity error status bit in the PCI Status Register regardless of whether the PERR signal is enabled via the PCICMD Register 533 SYSTEM ERRORS The PCEB does not generate system errors (SERR ) Thus the PCEB does not have the capability of indicating parity errors during the address phase in which it is a potential target (ie not a master) Note that system errors are reported via the ESC (companion chip) 84 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |