Electronic Components Datasheet Search
  English  ▼

X  

82375EB Datasheet(PDF) 20 Page - Intel Corporation

Part # 82375EB
Description  PCI-EISA BRIDGE (PCEB)
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82375EB Datasheet(HTML) 20 Page - Intel Corporation

Back Button 82375EB Datasheet HTML 16Page - Intel Corporation 82375EB Datasheet HTML 17Page - Intel Corporation 82375EB Datasheet HTML 18Page - Intel Corporation 82375EB Datasheet HTML 19Page - Intel Corporation 82375EB Datasheet HTML 20Page - Intel Corporation 82375EB Datasheet HTML 21Page - Intel Corporation 82375EB Datasheet HTML 22Page - Intel Corporation 82375EB Datasheet HTML 23Page - Intel Corporation 82375EB Datasheet HTML 24Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 131 page
background image
82375EBSB
24 EISA Interface Signals
Pin Name
Type
Description
BCLK
in
BUS CLOCK
BCLK is the system clock used to synchronize events on the EISA Bus
The ESC device generates BCLK (BCLKOUT) which is a divided down clock from a
PCICLK BCLK runs at a frequency that is dependent on PCICLK and a selected
division factor (within the ESC) For example a 25 MHz PCICLK and a division factor of
3 results in an 833 MHz BCLK
START
ts
START
START
provides timing control at the start of the cycle and remains asserted
for one BCLK period
When the PCEB is an EISA master START
is an output signal START
is asserted
after LA 3124
LA 232 and MIO
become valid START
is negated on the
rising edge of the BCLK one BCLK after it was asserted The trailing edge of START
is always delayed from the rising edge of BCLK
When the PCEB is an EISA master for cycles to a mismatched slave (see note at the
end of this section) START
becomes an input signal at the end of the first START
phase and remains an input until the negation of the last CMD
The ESC gains the
control of the transfer and generates START
When the PCEB is an EISA slave START
is an input signal It is sampled on the rising
edge of BCLK
Upon PCIRST
this signal is tri-stated and placed in output mode
CMD
in
COMMAND
CMD
provides timing control within the cycle In all cases CMD
is an
input to the PCEB from the ESC CMD
is asserted from the rising edge of BCLK
simultaneously with the negation of START
and remains asserted until the end of the
cycle
MIO
ts
MEMORY OR IO
MIO
identifies the current cycle as a memory or an IO cycle
MIO
is pipelined from one cycle to the next and must be latched by the slave
MIO
e
1 indicates a memory cycle and MIO
e
0 indicates an IO cycle
When the PCEB is an EISA master the MIO
is an output signal When the PCEB is
an EISA slave MIO
is an input signal The PCEB responds as an EISA slave for both
memory and IO cycles Upon PCIRST
this signal is tri-stated and is placed in output
mode
WR
ts
WRITE OR READ
WR
identifies the cycle as a write or a read cycle The WR
signal is pipelined from one cycle to the next and must be latched by the slave WR
e
1 indicates a write cycle and WR
e
0 indicates a read cycle
When the PCEB is an EISA master WR
is an output signal When the PCEB is an
EISA slave WR
is an input signal Upon PCIRST
this signal is tri-stated and
placed in output mode
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com