Electronic Components Datasheet Search
  English  ▼

X  

82375EB Datasheet(PDF) 102 Page - Intel Corporation

Part # 82375EB
Description  PCI-EISA BRIDGE (PCEB)
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82375EB Datasheet(HTML) 102 Page - Intel Corporation

Back Button 82375EB Datasheet HTML 98Page - Intel Corporation 82375EB Datasheet HTML 99Page - Intel Corporation 82375EB Datasheet HTML 100Page - Intel Corporation 82375EB Datasheet HTML 101Page - Intel Corporation 82375EB Datasheet HTML 102Page - Intel Corporation 82375EB Datasheet HTML 103Page - Intel Corporation 82375EB Datasheet HTML 104Page - Intel Corporation 82375EB Datasheet HTML 105Page - Intel Corporation 82375EB Datasheet HTML 106Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 131 page
background image
82375EBSB
5 The PCEB contains EISA data swap buffers for data size translations between mismatched PCI Bus
and EISA Bus transfers and between mismatched devices contained on the EISA Bus Thus if data
size translation is needed the PCEB is involved in cycles contained to the EISA Bus even if the
PCEB is neither the master or slave For data size translation operations see Section 80 EISA Data
Swap Buffers
6 For ISA master cycles to PCI memory or IO the ESC translates the ISA signals to EISA signals The
PCEB as an EISA slave forwards the cycle to the PCI Bus
7 For ISA master cycles to ISAEISA slaves the PCEB is not involved except when the cycle requires
data size translations See the ESC data sheet for cycles that are contained within the EISA Bus (ie
EISA-to-EISA EISA-to-ISA ISA-to-ISA and ISA-to-EISA device cycles)
8 In this section LA 3124
and LA 232 are collectively referred to as LA 312
71 PCEB As An EISA Master
The PCEB is an EISA master for PCI-initiated cycles targeted to the EISA Bus When the PCEB decodes the
PCI cycle as a cycle destined to the EISA Bus (via subtractive or negative (82374SB only) decoding as
described in Section 40 Address Decoding) the PCEB becomes a slave on the PCI Bus If the PCEB owns
the EISA Bus the cycle is forwarded to the EISAISA device If the PCEB does not own the EISA Bus
(EISAHOLDA is asserted to the ESC) the PCI master is retried and the PCEB issues an EISA Bus request to
the ESC For PCI-to-EISA IO and memory readwrite accesses the PCEB runs standard EISA Bus cycles
When cycles are forwarded to a matched EISAISA slave the PCEB is the EISA master and controls the
transfer until the cycle is terminated For mismatched cycles to an EISAISA slave the PCEB backs off the
EISA Bus as described in Section 713 Back-Off Cycle
711 STANDARD EISA MEMORY AND IO READWRITE CYCLES
The standard EISA cycle completes one transfer each two BCLK periods (zero wait states) The standard
EISA memory or IO cycle begins when the PCEB presents a valid address on LA 312 and drives MIO
high for a memory cycle and low for an IO cycle The address can become valid at the end of the previous
cycle to allow address pipelining The EISA slave decodes the address and asserts the appropriate signals to
indicate the type of slave and whether it can perform any special timings The slave asserts EX32
or EX16
to indicate support of EISA cycles
For extended cycles the EISA slave introduces wait states using the EXRDY signal Wait states allow a slower
slave to get ready to complete the transfer The slave negates EXRDY after it decodes a valid address and
samples START
asserted The slave may hold EXRDY negated for a maximum of 25 ms to complete a
transfer and must release EXRDY synchronous to the falling edge of BCLK to allow a cycle to complete Note
that the PCEB as an EISA master never introduces wait states
Figure 25 shows three data transfer cycles between an EISA master and an EISA slave The first transfer is an
extended transfer (EXRDY negated) followed by two standard cycles For PCI cycles that are forwarded to the
EISA Bus the PCEB is the EISA master The PCEB asserts START
to indicate the start of a cycle The
PCEB also drives WR
to indicate a read or write cycle and BE 30
to indicate the active bytes The
LA 312 and the BE 30 remain valid until after the negation of START
A slave that needs to latch the
address does so on the trailing edge of START
The ESC asserts CMD
simultaneously with the negation of START
to control data transfer to or from the
slave If a read cycle is being performed the slave presents the requested data when CMD
is asserted and
holds it valid until CMD
is negated by the ESC For a write cycle the PCEB presents the data prior to the
assertion of CMD
and the slave latches it on or before the trailing edge of CMD
102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com