Electronic Components Datasheet Search
  English  ▼

X  

UPD17072 Datasheet(PDF) 110 Page - NEC

Part # UPD17072
Description  4-BIT SINGLE-CHIP MICROCONTROLLER WITH HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17072 Datasheet(HTML) 110 Page - NEC

Back Button UPD17072 Datasheet HTML 106Page - NEC UPD17072 Datasheet HTML 107Page - NEC UPD17072 Datasheet HTML 108Page - NEC UPD17072 Datasheet HTML 109Page - NEC UPD17072 Datasheet HTML 110Page - NEC UPD17072 Datasheet HTML 111Page - NEC UPD17072 Datasheet HTML 112Page - NEC UPD17072 Datasheet HTML 113Page - NEC UPD17072 Datasheet HTML 114Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 226 page
background image
µPD17072,17073
110
(2) Flowchart of binary search
START
Initial setting
: Select pin to be used.
(A/D converter reference
voltage setting register)
= #1000B
: Set reference voltage to 1/2VDD
ADCCMP = 1?
Y
N
Reset ADCRFSEL3 flag
: Detect reference voltage and,
: if "0", subtract 1/2VDD and,
Set ADCRFSEL2 flag
: add both "0" and "1" to 1/4VDD and set reference voltage.
ADCCMP = 1?
: Detect reference voltage and,
Reset ADCRFSEL2 flag
: if "0", subtract 1/4VDD and,
Set ADCRFSEL1 flag
: add both "0" and "1" to 1/8VDD and set reference voltage.
ADCCMP = 1?
: Detect reference voltage and,
Y
N
Y
N
Reset ADCRFSEL1 flag
: if "0", subtract 1/8VDD and,
Set ADCRFSEL0 flag
: add both "0" and "1" to 1/16VDD and set reference voltage.
ADCCMP = 1?
: Detect reference voltage and,
Reset ADCRFSEL0 flag
: if "0", subtract 1/16VDD and,
Y
N
Detect content of A/D
converter reference voltage
setting register
END



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com