Electronic Components Datasheet Search
  English  ▼

X  

UPD17072 Datasheet(PDF) 113 Page - NEC

Part # UPD17072
Description  4-BIT SINGLE-CHIP MICROCONTROLLER WITH HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17072 Datasheet(HTML) 113 Page - NEC

Back Button UPD17072 Datasheet HTML 109Page - NEC UPD17072 Datasheet HTML 110Page - NEC UPD17072 Datasheet HTML 111Page - NEC UPD17072 Datasheet HTML 112Page - NEC UPD17072 Datasheet HTML 113Page - NEC UPD17072 Datasheet HTML 114Page - NEC UPD17072 Datasheet HTML 115Page - NEC UPD17072 Datasheet HTML 116Page - NEC UPD17072 Datasheet HTML 117Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 226 page
background image
µPD17072,17073
113
14.2 Clock Input/Output Control Block and Data Input/Output Control Block
The clock input/output control block and data input/output control block select the operation mode of the serial
interface (2-wire or 3-wire mode), control the transmit/receive operation, and select a shift clock.
The flags that control these blocks are allocated to the serial I/O clock select register and serial I/O mode select
register.
Figure 14-2 shows the configuration and function of the serial I/O clock select register.
Figure 14-3 shows the configuration and function of the serial I/O mode select register.
Table 14-1 shows the setting status of each pin by the corresponding control flags. As shown in this table, the
input/output setting flag of each pin must be also manipulated in addition to the control flag of the serial interface, to
set each pin.
The SIOCK1 and 0 flags select the internal clock (master) or external clock (slave) operation.
The SIOHIZ flag selects whether the SO0/P1C0 pin is used as a serial data output pin.
The SIOSEL flag selects whether the SO1/SI/P0B3 pin is used as a serial data input (SI pin) or serial data output
(SO1) pin.
Figure 14-2. Configuration of Serial I/O Clock Select Register
0
1
0
1
Flag symbol
b3
0
b2
0
b1
S
I
O
C
K
1
b0
S
I
O
C
K
0
Name
Address
(BANK1)
61H
Read/
Write
R/W
Sets shift clock of serial interface
External clock
12.5 kHz
18.75 kHz
37.5 kHz
0
0
1
1
Fixed to “0”
Power-ON
Clock stop
CE
0
0
0
0
0
0
0
0
Serial I/O
clock select
register
Internal clock
At
reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com