Electronic Components Datasheet Search
  English  ▼

X  

UPD17072 Datasheet(PDF) 115 Page - NEC

Part # UPD17072
Description  4-BIT SINGLE-CHIP MICROCONTROLLER WITH HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17072 Datasheet(HTML) 115 Page - NEC

Back Button UPD17072 Datasheet HTML 111Page - NEC UPD17072 Datasheet HTML 112Page - NEC UPD17072 Datasheet HTML 113Page - NEC UPD17072 Datasheet HTML 114Page - NEC UPD17072 Datasheet HTML 115Page - NEC UPD17072 Datasheet HTML 116Page - NEC UPD17072 Datasheet HTML 117Page - NEC UPD17072 Datasheet HTML 118Page - NEC UPD17072 Datasheet HTML 119Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 226 page
background image
µPD17072,17073
115
Table 14-1. Set Status of Each Pin By Control Flags
Control flags of serial interface
I/O setting flag of each pin
Communi-
cation
mode
S
I
O
S
E
L
Serial
I/O
select
S
I
O
H
I
Z
Serial
interface
pin setting
S
I
O
C
K
1
S
I
O
C
K
0
Clock
setting
Pin name
P
0
B
B
I
O
3
P
0
B
B
I
O
2
Set status of pin
3-wire serial
I/O
Note 1
and
2-wire serial
I/O
Note 2
0
0
External
clock
P0B2/SCK
0
During wait: general-purpose input port
Wait released: external clock input
1
General-purpose output port
0
1
1
1
0
1
Internal
clock
0
1
General-purpose input port
During wait: waits for internal clock output
Wait released: internal clock output
0
Internal
clock
(reception)
P0B3/SI/
SO1
During wait: general-purpose input port
Wait released: serial input
General-purpose output port
During wait: waits for serial output
Wait released: serial output
0
1
0
1
1
Output
(trans-
mission)
0
General-
purpose
output
P1C0/SO0
General-purpose output port
1
Serial
output
During wait: waits for serial output
Wait released: serial output
Notes 1. To set the 3-wire serial I/O mode, be sure to reset SIOSEL to 0 and set SIOHIZ to 1.
2. To use the 2-wire serial I/O mode, be sure to reset SIOHIZ to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com