Electronic Components Datasheet Search
  English  ▼

X  

UPD17072 Datasheet(PDF) 116 Page - NEC

Part # UPD17072
Description  4-BIT SINGLE-CHIP MICROCONTROLLER WITH HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17072 Datasheet(HTML) 116 Page - NEC

Back Button UPD17072 Datasheet HTML 112Page - NEC UPD17072 Datasheet HTML 113Page - NEC UPD17072 Datasheet HTML 114Page - NEC UPD17072 Datasheet HTML 115Page - NEC UPD17072 Datasheet HTML 116Page - NEC UPD17072 Datasheet HTML 117Page - NEC UPD17072 Datasheet HTML 118Page - NEC UPD17072 Datasheet HTML 119Page - NEC UPD17072 Datasheet HTML 120Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 226 page
background image
µPD17072,17073
116
14.2.1 Setting 2-/3-wire mode
The serial interface uses two pins in the two-wire mode: SCK/P0B2 and SO1/SI/P0B3.
The SCK/P0B2 pin is used as a shift clock input/output pin, and the SO1/SI/P0B3 pin is used as a serial data input/
output pin. The SO0/P1C0 pin is not used for the serial interface and is set in the general-purpose output port mode
by the SIOHIZ flag.
In this way, the serial interface operates in the two-wire mode.
In the three-wire mode, three pins, SCK/P0B2, SO0/P1C0, and SO1/SI/P0B3 are used.
The SCK/P0B2 is used as a shift clock input/output pin, the SO0/P1C0 pin is used as a serial data output pin, and
the SO1/SI/P0B3 pin is used as a serial data input pin.
Unlike in the two-wire mode, the SO0/P1C0 pin is used as a serial data output pin according to the setting of the
SIOHIZ flag. The SO1/SI/P0B3 pin is used as a serial data input pin according to the setting of the SIOSEL flag.
In this way, the serial interface operates in the three-wire mode.
14.2.2 Selecting data input/output using 2-wire serial interface
In the two-wire mode, the SO1/SI/P0B3 pin is used as an input/output pin for serial data.
Whether the SO1/SI/P0B3 pin is used as a serial data input pin (SI pin) or serial data output pin (SO1 pin) is specified
by the SIOSEL flag (refer to Figure 14-3 Configuration of Serial I/O Mode Select Register).
14.3 Clock Control Block
The clock control block generates a clock when the internal clock is used (master operation), and controls clock
output timing.
The frequency fSC of the internal clock is set by the SIOCK0 and SIOCK1 flags of the serial I/O clock select register.
Figure 14-2 shows the configuration and function of the serial I/O clock select register.
For the clock generation timing, refer to 14.7 Operation of Serial Interface.
14.4 Clock Counter
The clock counter counts the shift clock output or input from the shift clock pin (SCK/P0B2 pin).
Because the clock counter directly reads the status of the clock pin, it cannot identify whether the clock is an internal
clock or an external clock.
The contents of the clock counter cannot be directly read by software.
For the operation and timing chart of the clock counter, refer to 14.7 Operation of Serial Interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com