Electronic Components Datasheet Search
  English  ▼

X  

UPD17072 Datasheet(PDF) 119 Page - NEC

Part # UPD17072
Description  4-BIT SINGLE-CHIP MICROCONTROLLER WITH HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17072 Datasheet(HTML) 119 Page - NEC

Back Button UPD17072 Datasheet HTML 115Page - NEC UPD17072 Datasheet HTML 116Page - NEC UPD17072 Datasheet HTML 117Page - NEC UPD17072 Datasheet HTML 118Page - NEC UPD17072 Datasheet HTML 119Page - NEC UPD17072 Datasheet HTML 120Page - NEC UPD17072 Datasheet HTML 121Page - NEC UPD17072 Datasheet HTML 122Page - NEC UPD17072 Datasheet HTML 123Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 226 page
background image
µPD17072,17073
119
14.7.3 Wait operation and note
When the wait status has been released, serial data is output at the next falling edge of the clock (transmission
operation), and the wait released status continues until eight clocks are counted.
After the eight clocks have been output, make the shift clock pin high and stop the operations of the clock counter
and presettable shift register.
Note that, if data is written to or read from the presettable shift register while the wait status is released and the
shift clock pin is high, the correct data is not set.
If data is written to the presettable shift register while the wait status is released and the shift clock pin is low, the
content of the MSB of the data is output to the serial data output pin when the “PUT” instruction is executed.
If the forced wait status is set while the wait status is released, the wait status is immediately set when “0” is written
to the SIOTS flag.
14.7.4 Interrupt request issuance timing
An interrupt request is issued when eight clocks have been transmitted (received).
14.7.5 Shift clock generation timing
(1) When wait status is released from initial status
The “initial status” means the point at which the P0B2/SCK pin has been made high with the internal clock
operation selected.
During the wait status, a high level is output to the shift clock pin.
The wait status can be released and a clock can be selected at the same time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com