Electronic Components Datasheet Search
  English  ▼

X  

AM3874 Datasheet(PDF) 285 Page - Texas Instruments

Click here to check the latest version.
Part # AM3874
Description  AM387x Sitara??ARM Processors
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3874 Datasheet(HTML) 285 Page - Texas Instruments

Back Button AM3874 Datasheet HTML 281Page - Texas Instruments AM3874 Datasheet HTML 282Page - Texas Instruments AM3874 Datasheet HTML 283Page - Texas Instruments AM3874 Datasheet HTML 284Page - Texas Instruments AM3874 Datasheet HTML 285Page - Texas Instruments AM3874 Datasheet HTML 286Page - Texas Instruments AM3874 Datasheet HTML 287Page - Texas Instruments AM3874 Datasheet HTML 288Page - Texas Instruments AM3874 Datasheet HTML 289Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 285 / 361 page
background image
AM3874, AM3871
www.ti.com
SPRS695C – SEPTEMBER 2011 – REVISED DECEMBER 2013
8.13.4.1.1.7 High-Speed Bypass Capacitors
High-speed (HS) bypass capacitors are critical for proper DDR2 interface operation. It is particularly
important to minimize the parasitic series inductance of the HS bypass capacitors, MPU/DDR power, and
MPU/DDR ground connections. Table 8-59 contains the specification for the HS bypass capacitors as well
as for the power connections on the PCB.
Table 8-59. High-Speed Bypass Capacitors
NO.
PARAMETER
MIN
MAX
UNIT
1
HS bypass capacitor package size(1)
0402
10 Mils
2
Distance from HS bypass capacitor to device being bypassed
250
Mils
3
Number of connection vias for each HS bypass capacitor(2)
2
Vias
4
Trace length from bypass capacitor contact to connection via
1
30
Mils
5
Number of connection vias for each MPU power/ground ball
1
Vias
6
Trace length from MPU power/ground ball to connection via
35
Mils
7
Number of connection vias for each DDR2 device power/ground ball
1
Vias
8
Trace length from DDR2 device power/ground ball to connection via
35
Mils
9
DVDD18 HS bypass capacitor count(3)(4)
40
Devices
10
DVDD18 HS bypass capacitor total capacitance(5)
2.4
μF
11
DDR device HS bypass capacitor count(6)(7)
8
Devices
12
DDR device HS bypass capacitor total capacitance(7)
0.4
μF
(1)
LxW, 10-mil units, that is, a 0402 is a 40x20-mil surface-mount capacitor.
(2)
An additional HS bypass capacitor can share the connection vias only if it is mounted on the opposite side of the board.
(3)
These devices should be placed as close as possible to the device being bypassed.
(4)
Use half of these capacitors for DDR[0] and half for DDR[1].
(5)
Use half of these capacitors for DDR[0] and half for DDR[1].
(6)
These devices should be placed as close as possible to the device being bypassed.
(7)
Per DDR device.
8.13.4.1.1.8 Net Classes
Table 8-60 lists the clock net classes for the DDR2 interface. Table 8-61 lists the signal net classes, and
associated clock net classes, for the signals in the DDR2 interface. These net classes are used for the
termination and routing rules that follow.
Table 8-60. Clock Net Class Definitions
CLOCK NET CLASS
MPU PIN NAMES
CK
DDR[x]_CLK/DDR[x]_CLK
DQS0
DDR[x]_DQS[0]/DDR[x]_DQS[0]
DQS1
DDR[x]_DQS[1]/DDR[x]_DQS[1]
DQS2(1)
DDR[x]_DQS[2]/DDR[x]_DQS[2]
DQS3(1)
DDR[x]_DQS[3]/DDR[x]_DQS[3]
(1)
Only used on 32-bit wide DDR2 memory systems.
Copyright © 2011–2013, Texas Instruments Incorporated
Peripheral Information and Timings
285
Submit Documentation Feedback
Product Folder Links: AM3874 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com