Electronic Components Datasheet Search
  English  ▼

X  

AM3874 Datasheet(PDF) 289 Page - Texas Instruments

Click here to check the latest version.
Part # AM3874
Description  AM387x Sitara??ARM Processors
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3874 Datasheet(HTML) 289 Page - Texas Instruments

Back Button AM3874 Datasheet HTML 285Page - Texas Instruments AM3874 Datasheet HTML 286Page - Texas Instruments AM3874 Datasheet HTML 287Page - Texas Instruments AM3874 Datasheet HTML 288Page - Texas Instruments AM3874 Datasheet HTML 289Page - Texas Instruments AM3874 Datasheet HTML 290Page - Texas Instruments AM3874 Datasheet HTML 291Page - Texas Instruments AM3874 Datasheet HTML 292Page - Texas Instruments AM3874 Datasheet HTML 293Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 289 / 361 page
background image
AM3874, AM3871
www.ti.com
SPRS695C – SEPTEMBER 2011 – REVISED DECEMBER 2013
Table 8-64. DQS and DQ Routing Specification
NO.
PARAMETER
MIN
TYP
MAX
UNIT
1
Center-to-center DQS-DQSn spacing in E0|E1|E2|E3
2w
2
DQS-DQSn skew in E0|E1|E2|E3
25
Mils
3
Center-to-center DQS to other DDR2 trace spacing(1)
4w
4
DQS/DQ nominal trace length (2)(3)(4)
DQLM-50
DQLM
DQLM+50
Mils
5
DQ-to-DQS skew length mismatch(2)(3)(4)
100
Mils
6
DQ-to-DQ skew length mismatch(2)(3)(4)
100
Mils
7
DQ-to-DQ/DQS via count mismatch(2)(3)(4)
1
Vias
8
Center-to-center DQ to other DDR2 trace spacing(1)(5)
4w
9
Center-to-center DQ to other DQ trace spacing(1)(6)(7)
3w
10
DQ/DQS E skew length mismatch(2)(3)(4)
100
Mils
(1)
Center-to-center spacing is allowed to fall to minimum (w) for up to 500 mils of routed length to accommodate BGA escape and routing
congestion.
(2)
A 16-bit DDR memory system has two sets of data net classes; one for data byte 0, and one for data byte 1, each with an associated
DQS (2 DQSs) per DDR EMIF used.
(3)
A 32-bit DDR memory system has four sets of data net classes; one each for data bytes 0 through 3, and each associated with a DQS
(4 DQSs) per DDR EMIF used.
(4)
There is no need, and it is not recommended, to skew match across data bytes; that is, from DQS0 and data byte 0 to DQS1 and data
byte 1.
(5)
DQs from other DQS domains are considered other DDR2 trace.
(6)
DQs from other data bytes are considered other DDR2 trace.
(7)
DQLM is the longest Manhattan distance of each of the DQS and DQ net classes.
8.13.4.2 DDR3 Routing Specifications
8.13.4.2.1 DDR3 versus DDR2
This specification only covers PCB designs that utilize DDR3 memory. PCB designs using other types of
DDR memory should follow the specification appropriate for that type of memory. It is currently not
possible to design a single PCB that supports multiple types of DDR memory.
8.13.4.2.2 DDR3 EMIFs
A processor may contain more than one EMIF. This specification covers only one EMIF and needs to be
implemented for each additional EMIF. Requirements are identical between the EMIFs, however, the PCB
layouts will most likely be different.
8.13.4.2.3 DDR3 Device Combinations
Since there are several possible combinations of device counts and single- or dual-side mounting,
Table 8-65 summarizes the supported device configurations.
Table 8-65. Supported DDR3 Device Combinations(1)
NUMBER OF DDR3 DEVICES
DDR3 DEVICE WIDTH (BITS)
MIRRORED?
DDR3 EMIF WIDTH (BITS)
1
16
N
16
2
8
Y(2)
16
2
16
N
32
2
16
Y(2)
32
4
8
N
32
4
8
Y(3)
32
(1)
This table is per EMIF.
(2)
Two DDR3 devices are mirrored when one device is placed on the top of the board and the second device is placed on the bottom of
the board.
(3)
This is two mirrored pairs of DDR3 devices.
Copyright © 2011–2013, Texas Instruments Incorporated
Peripheral Information and Timings
289
Submit Documentation Feedback
Product Folder Links: AM3874 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com