Electronic Components Datasheet Search
  English  ▼

X  

AM3874 Datasheet(PDF) 291 Page - Texas Instruments

Click here to check the latest version.
Part # AM3874
Description  AM387x Sitara??ARM Processors
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3874 Datasheet(HTML) 291 Page - Texas Instruments

Back Button AM3874 Datasheet HTML 287Page - Texas Instruments AM3874 Datasheet HTML 288Page - Texas Instruments AM3874 Datasheet HTML 289Page - Texas Instruments AM3874 Datasheet HTML 290Page - Texas Instruments AM3874 Datasheet HTML 291Page - Texas Instruments AM3874 Datasheet HTML 292Page - Texas Instruments AM3874 Datasheet HTML 293Page - Texas Instruments AM3874 Datasheet HTML 294Page - Texas Instruments AM3874 Datasheet HTML 295Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 291 / 361 page
background image
DQ15
DQ8
UDM
UDQS
UDQS
DQ7
DQ0
LDM
LDQS
LDQS
CK
DQ15
UDM
UDQS
UDQS
DDR[x]_D[31]
DDR[x]_D[24]
16-Bit DDR3
Devices
0.1 µF
50
2
(± %)
0.1 µF
0.1 µF
32-bit DDR3 EMIF
DDR[x]_ODT[1]
DDR[x]_CS[1]
DDR[x]_DQM[3]
DDR[x]_DQS[3]
DDR[x]_DQS[3]
DDR[x]_D[23]
DDR[x]_D[16]
DDR[x]_DQM[2]
DDR[x]_DQS[2]
DDR[x]_DQS[2]
DDR[x]_D[15]
DDR[x]_D[8]
DDR[x]_DQM[1]
DDR[x]_DQS[1]
DDR[x]_DQS[1]
DDR[x]_D[7]
DDR[x]_D[0]
DDR[x]_DQM[0]
DDR[x]_DQS[0]
DDR[x]_DQS[0]
DDR[x]_CLK
DDR[x]_CLK
DDR[x]_ODT[0]
DDR[x]_CS[0]
DDR[x]_BA[0]
DDR[x]_BA[1]
DDR[x]_BA[2]
DDR[x]_A[0]
DDR[x]_A[14]
DDR[x]_CAS
DDR[x]_RAS
DDR[x]_WE
DDR[x]_CKE
DDR[x]_RST
VREFSSTL_DDR[x]
DDR[x]_VTP
NC
NC
8
8
8
8
15
DQ8
DQ7
D08
LDM
LDQS
LDQS
CK
ODT
BA1
BA0
BA2
CS
A0
A14
CAS
RAS
WE
RST
CKE
ZQ
VREFDQ
VREFCA
ZQ
CK
CK
ODT
BA1
BA0
BA2
CS
A0
A14
CAS
RAS
WE
RST
CKE
ZQ
VREFDQ
VREFCA
ZQ
Zo
Zo
Zo
Zo
DDR_VREF
DDR_VTT
DDR_1V5
Termination is required. See terminator comments.
Zo
Value determined according to the DDR memory device data sheet.
ZQ
0.1 µF
AM3874, AM3871
www.ti.com
SPRS695C – SEPTEMBER 2011 – REVISED DECEMBER 2013
Figure 8-54. 32-Bit, One-Bank DDR3 Interface Schematic Using Two 16-Bit DDR3 Devices
Copyright © 2011–2013, Texas Instruments Incorporated
Peripheral Information and Timings
291
Submit Documentation Feedback
Product Folder Links: AM3874 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com