Electronic Components Datasheet Search
  English  ▼

X  

AM3874 Datasheet(PDF) 295 Page - Texas Instruments

Click here to check the latest version.
Part # AM3874
Description  AM387x Sitara??ARM Processors
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3874 Datasheet(HTML) 295 Page - Texas Instruments

Back Button AM3874 Datasheet HTML 291Page - Texas Instruments AM3874 Datasheet HTML 292Page - Texas Instruments AM3874 Datasheet HTML 293Page - Texas Instruments AM3874 Datasheet HTML 294Page - Texas Instruments AM3874 Datasheet HTML 295Page - Texas Instruments AM3874 Datasheet HTML 296Page - Texas Instruments AM3874 Datasheet HTML 297Page - Texas Instruments AM3874 Datasheet HTML 298Page - Texas Instruments AM3874 Datasheet HTML 299Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 295 / 361 page
background image
DDR[0] Keep Out Region
Encompasses Entire DDR[0] Routing Area
DDR3 Controllers
DDR[1] Keep Out Region
Encompasses Entire DDR[1] Routing Area
AM3874, AM3871
www.ti.com
SPRS695C – SEPTEMBER 2011 – REVISED DECEMBER 2013
Table 8-70. Placement Specifications
NO.
PARAMETER
MIN
MAX
UNIT
1
X1(1)(2)(3)
1000
Mils
2
X2(1)(2)
600
Mils
3
Y Offset(1)(2)(3)
1500
Mils
4
DDR3 keepout region
5
Clearance from non-DDR3 signal to DDR3 keepout region(4)(5)(6)
4
w
(1)
For dimension definitions, see Figure 8-56.
(2)
Measurements from center of processor to center of DDR3 device.
(3)
Minimizing X1 and Y improves timing margins.
(4)
w is defined as the signal trace width.
(5)
Non-DDR3 signals allowed within DDR3 keepout region provided they are separated from DDR3 routing layers by a ground plane.
(6)
If a device has more than one DDR controller, the signals from the other controller(s) are considered non-DDR3 and should be
separated by this specification.
8.13.4.2.4.4 DDR3 Keepout Region
The region of the PCB used for DDR3 circuitry must be isolated from other signals. The DDR3 keepout
region is defined for this purpose and is shown in Figure 8-57. The size of this region varies with the
placement and DDR routing. Additional clearances required for the keepout region are shown in Table 8-
70. Non-DDR3 signals should not be routed on the DDR signal layers within the DDR3 keepout region.
Non-DDR3 signals may be routed in the region, provided they are routed on layers separated from the
DDR signal layers by a ground layer. No breaks should be allowed in the reference ground layers in this
region. In addition, the 1.5-V DDR3 power plane should cover the entire keepout region. Also note that if
there is more than one DDR controller, the signals from each controller need to be separated from each
other by the specification in Table 8-70, item 5. Each DDR controller should have its own DDR keepout
region.
Figure 8-57. DDR3 Keepout Region
Figure 8-57 is an example of a processor with two DDR controllers. Processors with a single DDR
controler will have only one DDR keepout region. Each DDR controller should have its own keepout
region.
8.13.4.2.4.5 Bulk Bypass Capacitors
Bulk bypass capacitors are required for moderate speed bypassing of the DDR3 and other circuitry.
Table 8-71 contains the minimum numbers and capacitance required for the bulk bypass capacitors. Note
that this table only covers the bypass needs of the DDR3 controllers and DDR3 device(s). Additional bulk
bypass capacitance may be needed for other circuitry.
Copyright © 2011–2013, Texas Instruments Incorporated
Peripheral Information and Timings
295
Submit Documentation Feedback
Product Folder Links: AM3874 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com