Electronic Components Datasheet Search
  English  ▼

X  

AM3874 Datasheet(PDF) 283 Page - Texas Instruments

Click here to check the latest version.
Part # AM3874
Description  AM387x Sitara??ARM Processors
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3874 Datasheet(HTML) 283 Page - Texas Instruments

Back Button AM3874 Datasheet HTML 279Page - Texas Instruments AM3874 Datasheet HTML 280Page - Texas Instruments AM3874 Datasheet HTML 281Page - Texas Instruments AM3874 Datasheet HTML 282Page - Texas Instruments AM3874 Datasheet HTML 283Page - Texas Instruments AM3874 Datasheet HTML 284Page - Texas Instruments AM3874 Datasheet HTML 285Page - Texas Instruments AM3874 Datasheet HTML 286Page - Texas Instruments AM3874 Datasheet HTML 287Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 283 / 361 page
background image
A1
A1
X
Recommended DDR2 Device
Orientation
Y
X
1
X
1
OFFSET
X
1
OFFSET
AM3874, AM3871
www.ti.com
SPRS695C – SEPTEMBER 2011 – REVISED DECEMBER 2013
8.13.4.1.1.4 Placement
Figure 8-49 shows the required placement for the MPU as well as the DDR2 devices. The dimensions for
this figure are defined in Table 8-57. The placement does not restrict the side of the PCB on which the
devices are mounted. The ultimate purpose of the placement is to limit the maximum trace lengths and
allow for proper routing space. For a 16-bit DDR memory system, the high-word DDR2 device is omitted
from the placement.
Figure 8-49. AM387x Device and DDR2 Device Placement
Table 8-57. Placement Specifications
NO.
PARAMETER
MIN
MAX
UNIT
1
X + Y(1)(2)
1660
Mils
2
X'(1)(2)
1280
Mils
3
X' Offset(1)(2) (3)
650
Mils
4
DDR2 keepout region(4)
5
Clearance from non-DDR2 signal to DDR2 keepout region(5)
4
w
(1)
For dimension definitions, see Figure 8-47.
(2)
Measurements from center of MPU to center of DDR2 device.
(3)
For 16-bit memory systems, it is recommended that X' offset be as small as possible.
(4)
DDR2 keepout region to encompass entire DDR2 routing area.
(5)
Non-DDR2 signals allowed within DDR2 keepout region provided they are separated from DDR2 routing layers by a ground plane.
Copyright © 2011–2013, Texas Instruments Incorporated
Peripheral Information and Timings
283
Submit Documentation Feedback
Product Folder Links: AM3874 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com