Electronic Components Datasheet Search
  English  ▼

X  

AM3874 Datasheet(PDF) 279 Page - Texas Instruments

Click here to check the latest version.
Part # AM3874
Description  AM387x Sitara??ARM Processors
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3874 Datasheet(HTML) 279 Page - Texas Instruments

Back Button AM3874 Datasheet HTML 275Page - Texas Instruments AM3874 Datasheet HTML 276Page - Texas Instruments AM3874 Datasheet HTML 277Page - Texas Instruments AM3874 Datasheet HTML 278Page - Texas Instruments AM3874 Datasheet HTML 279Page - Texas Instruments AM3874 Datasheet HTML 280Page - Texas Instruments AM3874 Datasheet HTML 281Page - Texas Instruments AM3874 Datasheet HTML 282Page - Texas Instruments AM3874 Datasheet HTML 283Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 279 / 361 page
background image
DDR[x]_D[0]
DDR[x]_D[7]
DDR[x]_DQM[0]
DDR[x]_DQS[0]
DDR[x]_DQS[0]
DDR[x]_D[8]
DDR[x]_D[15]
DDR[x]_DQM[1]
DDR[x]_DQS[1]
DDR[x]_DQS[1]
DQ0
DQ7
LDM
LDQS
LDQS
DQ8
DQ15
UDM
UDQS
UDQS
BA0
BA2
A0
A14
CS
CAS
RAS
WE
CKE
CK
CK
VREF
DQ0
DQ7
LDM
LDQS
LDQS
DQ8
DQ15
UDM
UDQS
UDQS
BA0
BA2
A0
A14
CS
CAS
RAS
WE
CKE
CK
CK
VREF
DDR_D16
DDR[x]_D[23
DDR[x]_DQM[2]
DDR[x]_DQS[2]
DDR[x]_DQS[2]
DDR[x]_D[24]
DDR[x]_D[31]
DDR[x]_DQM[3]
DDR[x]_DQS[3]
DDR[x]_DQS[3]
DDR[x]_BA[0]
DDR[x]_BA[2]
DDR[x]_A[0]
DDR[x]_A[14]
DDR[x]_CS[0]
DDR[x]_CAS
DDR[x]_RAS
DDR[x]_WE
DDR[x]_CKE
DDR[x]_CLK
DDR[x]_CLK
ODT
VREFSSTL_DDR[x]
1 K
1%
Vio 1.8
(A)
DDR2
DDR2
VREF
0.1 µF
VREF
VREF
0.1 µF
1 K
1%
0.1 µF
(B)
0.1 µF
(B)
DDR_ODT1
NC
ODT
50
2
(± %)
DDR[x]_VTP
0.1 µF
(B)
T0
T0
T0
T0
T0
T0
T0
T0
T0
T0
T0
T0
T0
Termination is required. See terminator comments.
DDR[x]_ODT[0]
DDR[x]_CS[1]
NC
DDR[x]_RST
NC
AM3874, AM3871
www.ti.com
SPRS695C – SEPTEMBER 2011 – REVISED DECEMBER 2013
A.
Vio1.8 is the power supply for the DDR2 memories and the AM387x DDR2 interface.
B.
One of these capacitors can be eliminated if the divider and its capacitors are placed near a VREF pin.
Figure 8-47. 32-Bit DDR2 High-Level Schematic
Copyright © 2011–2013, Texas Instruments Incorporated
Peripheral Information and Timings
279
Submit Documentation Feedback
Product Folder Links: AM3874 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com