Electronic Components Datasheet Search
  English  ▼

X  

AM3874 Datasheet(PDF) 277 Page - Texas Instruments

Click here to check the latest version.
Part # AM3874
Description  AM387x Sitara??ARM Processors
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3874 Datasheet(HTML) 277 Page - Texas Instruments

Back Button AM3874 Datasheet HTML 273Page - Texas Instruments AM3874 Datasheet HTML 274Page - Texas Instruments AM3874 Datasheet HTML 275Page - Texas Instruments AM3874 Datasheet HTML 276Page - Texas Instruments AM3874 Datasheet HTML 277Page - Texas Instruments AM3874 Datasheet HTML 278Page - Texas Instruments AM3874 Datasheet HTML 279Page - Texas Instruments AM3874 Datasheet HTML 280Page - Texas Instruments AM3874 Datasheet HTML 281Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 277 / 361 page
background image
AM3874, AM3871
www.ti.com
SPRS695C – SEPTEMBER 2011 – REVISED DECEMBER 2013
Table 8-51. DDR2/DDR3 PHY Registers (continued)
DDR0 HEX
DDR1 HEX
ACRONYM
REGISTER NAME
ADDRESS
ADDRESS
0x47C0_C610
0x47C0_CA10
DATA2_REG_PHY_RD_DQS_SLAVE_RATIO _0
DDR PHY Data Macro 2 Read DQS
Slave Ratio Register
0x47C0_C624
0x47C0_CA24
DATA2_REG_PHY_WR_DQS_SLAVE_RATI O_0
DDR PHY Data Macro 2 Write DQS
Slave Ratio Register
0x47C0_C638
0x47C0_CA38
DATA2_REG_PHY_WRLVL_INIT_RATIO_0
DDR PHY Data Macro 2 Write Leveling
Init Ratio Register
0x47C0_C640
0x47C0_CA40
DATA2_REG_PHY_WRLVL_INIT_MODE_0
DDR PHY Data Macro 2 Write Leveling
Init Mode Ratio Selection Register
0x47C0_C644
0x47C0_CA44
DATA2_REG_PHY_GATELVL_INIT_RATIO_0
DDR PHY Data Macro 2 DQS Gate
Training Init Ratio Register
0x47C0_C64C
0x47C0_CA4C
DATA2_REG_PHY_GATELVL_INIT_MODE_0
DDR PHY Data Macro 2 DQS Gate
Training Init Mode Ratio Selection
Register
0x47C0_C650
0x47C0_CA50
DATA2_REG_PHY_FIFO_WE_SLAVE_RATI O_0
DDR PHY Data Macro 2 DQS Gate
Slave Ratio Register
0x47C0_C664
0x47C0_CA64
DATA2_REG_PHY_DQ_OFFSET_2
Offset value from DQS to DQ for Data
Macro 2
0x47C0_C668
0x47C0_CA68
DATA2_REG_PHY_WR_DATA_SLAVE_RATI O_0
DDR PHY Data Macro 2 Write Data
Slave Ratio Register
0x47C0_C67C
0x47C0_CA7C
DATA2_REG_PHY_USE_RANK0_DELAYS
DDR PHY Data Macro 2 Delay Selection
Register
0x47C0_C680
0x47C0_CA80
DATA2_REG_PHY_DLL_LOCK_DIFF_0
DDR PHY Data Macro 2 DLL Lock
Difference Register
0x47C0_C6B4
0x47C0_CAB4
DATA3_REG_PHY_RD_DQS_SLAVE_RATIO _0
DDR PHY Data Macro 3 Read DQS
Slave Ratio Register
0x47C0_C6C8
0x47C0_CAC8
DATA3_REG_PHY_WR_DQS_SLAVE_RATI O_0
DDR PHY Data Macro 3 Write DQS
Slave Ratio Register
0x47C0_C6DC
0x47C0_CADC
DATA3_REG_PHY_WRLVL_INIT_RATIO_0
DDR PHY Data Macro 3 Write Leveling
Init Ratio Register
0x47C0_C6E4
0x47C0_CAE4
DATA3_REG_PHY_WRLVL_INIT_MODE_0
DDR PHY Data Macro 3 Write Leveling
Init Mode Ratio Selection Register
0x47C0_C6E8
0x47C0_CAE8
DATA3_REG_PHY_GATELVL_INIT_RATIO_0
DDR PHY Data Macro 3 DQS Gate
Training Init Ratio Register
0x47C0_C6F0
0x47C0_CAF0
DATA3_REG_PHY_GATELVL_INIT_MODE_0
DDR PHY Data Macro 3 DQS Gate
Training Init Mode Ratio Selection
Register
0x47C0_C6F4
0x47C0_CAF4
DATA3_REG_PHY_FIFO_WE_SLAVE_RATI O_0
DDR PHY Data Macro 3 DQS Gate
Slave Ratio Register
0x47C0_C708
0x47C0_CB08
DATA3_REG_PHY_DQ_OFFSET_3
Offset Value From DQS to DQ for Data
Macro 3
0x47C0_C70C
0x47C0_CB0C
DATA3_REG_PHY_WR_DATA_SLAVE_RATI O_0
DDR PHY Data Macro 3 Write Data
Slave Ratio Register
0x47C0_C720
0x47C0_CB20
DATA3_REG_PHY_USE_RANK0_DELAYS
DDR PHY Data Macro 3 Delay Selection
Register
0x47C0_C724
0x47C0_CB24
DATA3_REG_PHY_DLL_LOCK_DIFF_0
DDR PHY Data Macro 3 DLL Lock
Difference Register
8.13.3 DDR-Related Control Module Registers Description
Table 8-52. DDR-Related Control Module Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
0x4814 0694
EMIF_CLK_GATE
EMIF0/1 PHY Clock Gate Control Register
0x4814 0E04
DDR0_IO_CTRL
DDR Memory Controller_0 IO Control Register
0x4814 0E08
DDR1_IO_CTRL
DDR Memory Controller_1 IO Control Register
Copyright © 2011–2013, Texas Instruments Incorporated
Peripheral Information and Timings
277
Submit Documentation Feedback
Product Folder Links: AM3874 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com