Electronic Components Datasheet Search
  English  ▼

X  

AM3874 Datasheet(PDF) 281 Page - Texas Instruments

Click here to check the latest version.
Part # AM3874
Description  AM387x Sitara??ARM Processors
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3874 Datasheet(HTML) 281 Page - Texas Instruments

Back Button AM3874 Datasheet HTML 277Page - Texas Instruments AM3874 Datasheet HTML 278Page - Texas Instruments AM3874 Datasheet HTML 279Page - Texas Instruments AM3874 Datasheet HTML 280Page - Texas Instruments AM3874 Datasheet HTML 281Page - Texas Instruments AM3874 Datasheet HTML 282Page - Texas Instruments AM3874 Datasheet HTML 283Page - Texas Instruments AM3874 Datasheet HTML 284Page - Texas Instruments AM3874 Datasheet HTML 285Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 281 / 361 page
background image
AM3874, AM3871
www.ti.com
SPRS695C – SEPTEMBER 2011 – REVISED DECEMBER 2013
8.13.4.1.1.2 Compatible JEDEC DDR2 Devices
Table 8-54 shows the parameters of the JEDEC DDR2 devices that are compatible with this interface.
Generally, the DDR2 interface is compatible with x16 DDR2-800 speed grade DDR2 devices.
Table 8-54. Compatible JEDEC DDR2 Devices (Per Interface)
NO.
PARAMETER
MIN
MAX
UNIT
1
JEDEC DDR2 device speed grade(1)
DDR2-800
2
JEDEC DDR2 device bit width
x16
x16
Bits
3
JEDEC DDR2 device count(2)
1
2
Devices
4
JEDEC DDR2 device ball count(3)
84
92
Balls
(1)
Higher DDR2 speed grades are supported due to inherent JEDEC DDR2 backwards compatibility.
(2)
One DDR2 device is used for a 16-bit DDR2 memory system. Two DDR2 devices are used for a 32-bit DDR2 memory system.
(3)
The 92-ball devices are retained for legacy support. New designs will migrate to 84-ball DDR2 devices. Electrically, the 92- and 84-ball
DDR2 devices are the same.
8.13.4.1.1.3 PCB Stackup
The minimum stackup required for routing the AM387x device is a six-layer stackup as shown in Table 8-
55. Additional layers may be added to the PCB stackup to accommodate other circuitry or to reduce the
size of the PCB footprint.
Table 8-55. Minimum PCB Stackup
LAYER
TYPE
DESCRIPTION
1
Signal
Top routing mostly horizontal
2
Plane
Ground
3
Plane
Power
4
Signal
Internal routing
5
Plane
Ground
6
Signal
Bottom routing mostly vertical
Copyright © 2011–2013, Texas Instruments Incorporated
Peripheral Information and Timings
281
Submit Documentation Feedback
Product Folder Links: AM3874 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com