Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 274 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 274 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 270Page - Infineon Technologies AG PEB2256HT Datasheet HTML 271Page - Infineon Technologies AG PEB2256HT Datasheet HTML 272Page - Infineon Technologies AG PEB2256HT Datasheet HTML 273Page - Infineon Technologies AG PEB2256HT Datasheet HTML 274Page - Infineon Technologies AG PEB2256HT Datasheet HTML 275Page - Infineon Technologies AG PEB2256HT Datasheet HTML 276Page - Infineon Technologies AG PEB2256HT Datasheet HTML 277Page - Infineon Technologies AG PEB2256HT Datasheet HTML 278Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 274 / 490 page
background image
FALC56 V1.2
PEB 2256
E1 Registers
Data Sheet
274
2002-08-27
RFT13, RFT03
RFIFO3 Threshold Level - HDLC Channel 3
The size of the accessible part of RFIFO3 can be determined by
programming these bits. The number of valid bytes after an RPF
interrupt is given in the following table:
The value of RFT13/03 can be changed dynamically if reception is not
running or after the current data block has been read, but before the
command CMDR4.RMC3 is issued (interrupt controlled data
transfer).
Common Configuration Register 5 (Read/Write)
Value after reset: 00
H
Note: These bits are only valid, if SS7 mode of HDLC channel 1 is
selected.
SUET
Signaling Unit Error Threshold
Defines the number of signaling units received in error that will cause
an error rate high indication (ISR1.SUEX).
0 =
Threshold 64 errored signaling units
1 =
Threshold 32 errored signaling units
CSF
Compare Status Field
If the status fields of consecutive LSSUs are equal, only the first is
stored and every following is ignored.
0 =
Compare disabled.
1 =
Compare enabled.
AFX
Automatic FISU Transmission
After the contents of the transmit FIFO (XFIFO) has been transmitted
completely, FISUs are transmitted automatically. These FISUs
contain the FSN and BSO of the last transmitted signaling unit.
RFT13
RFT03
Size of Accessible Part of RFIFO3
0
0
1
1
0
1
0
1
32 bytes (default value)
16 bytes
4 bytes
2 bytes
70
CCR5
SUET
CSF
AFX
(x8D)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com