Electronic Components Datasheet Search
  English  ▼

X  

TC1920 Datasheet(PDF) 31 Page - Infineon Technologies AG

Part # TC1920
Description  32-Bit Single-Chip Microcontroller
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC1920 Datasheet(HTML) 31 Page - Infineon Technologies AG

Back Button TC1920 Datasheet HTML 27Page - Infineon Technologies AG TC1920 Datasheet HTML 28Page - Infineon Technologies AG TC1920 Datasheet HTML 29Page - Infineon Technologies AG TC1920 Datasheet HTML 30Page - Infineon Technologies AG TC1920 Datasheet HTML 31Page - Infineon Technologies AG TC1920 Datasheet HTML 32Page - Infineon Technologies AG TC1920 Datasheet HTML 33Page - Infineon Technologies AG TC1920 Datasheet HTML 34Page - Infineon Technologies AG TC1920 Datasheet HTML 35Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 78 page
background image
TC1920
Preliminary
Data Sheet
27
V 1.3, 2003-10
High-Speed Synchronous Serial Interface (SSC)
The High Speed Synchronous Serial Interface SSC provides serial communication
between microcontrollers, microprocessors or external peripherals. The SSC supports
full-duplex and half-duplex synchronous communication up to 25 MBaud (@ 50 MHz
module clock). The serial clock signal can be generated by the SSC itself (master mode)
or be received from an external master (slave mode). Data width, shift direction, clock
polarity and phase are programmable. This allows communication with SPI-compatible
devices. Transmission and reception of data are double-buffered. A 16-bit baud rate
generator provides the SSC with a separate serial clock signal.
Features:
• Master and slave mode operation
– Full-duplex or half-duplex operation
• Flexible data format
– Programmable number of data bits : 2 to 16 bit
– Programmable shift direction : LSB or MSB shift first
– Programmable clock polarity : idle low or high state for the shift clock
– Programmable clock/data phase : data shift with leading or trailing edge of SCLK
• Maximum baudrates: 25 MBaud in Master, 12.5 in Slave mode (@ 50 MHz module
clock)
Interrupt generation
– on a transmitter empty condition
– on a receiver full condition
– on an error condition (receive, phase, baudrate, transmit error)
• Three pin interface
Figure 8
SSC Interface Diagram
M C B 04505_m od
Clo c k
Con tro l
A ddress
De c o de r
Interru p t
Con tro l
f
hw _c lk
SS C
M odule
(K erne l)
Po rt
C ontro l
MR S T
RX D
TXD
RX D
TXD
Sla v e
Ma s te r
MT S R
SC L K
EIR
RIR
TIR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com