Electronic Components Datasheet Search
  English  ▼

X  

TC1920 Datasheet(PDF) 46 Page - Infineon Technologies AG

Part # TC1920
Description  32-Bit Single-Chip Microcontroller
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC1920 Datasheet(HTML) 46 Page - Infineon Technologies AG

Back Button TC1920 Datasheet HTML 42Page - Infineon Technologies AG TC1920 Datasheet HTML 43Page - Infineon Technologies AG TC1920 Datasheet HTML 44Page - Infineon Technologies AG TC1920 Datasheet HTML 45Page - Infineon Technologies AG TC1920 Datasheet HTML 46Page - Infineon Technologies AG TC1920 Datasheet HTML 47Page - Infineon Technologies AG TC1920 Datasheet HTML 48Page - Infineon Technologies AG TC1920 Datasheet HTML 49Page - Infineon Technologies AG TC1920 Datasheet HTML 50Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 78 page
background image
TC1920
Data Sheet
42
V 1.3, 2003-10
Preliminary
Package Parameters (P-LBGA-260)
Operating Conditions
The following operating conditions must not be exceeded in order to ensure correct
operation of the TC1920. All parameters specified in the following sections refer to these
operating conditions, unless otherwise noticed.
Parameter
Symbol
Limit Values
Unit Notes
min.
max.
Power dissipation
PDISS
–1.4
W
–
Thermal resistance
RTHA
–
27.8
K/W
Chip to ambient
Parameter
Symbol
Limit Values
Unit Notes
min.
max.
Supply voltage
VDDP
3.0
3.61)
1)
Voltage overshoot to 4 V is permissible, provided the pulse duration is less than 100 µs and the cumulated
summary of the pulses does not exceed 1 h
V
I/O supply
VDD
1.71
1.892)
2)
Voltage overshoot to 2 V is permissible, provided the pulse duration is less than 100 µs and the cumulated
summary of the pulses does not exceed 1 h
V
Core supply
VDDPLL
1.71
1.89
V
PLL supply
VDDOSC
1.71
1.89
V
Oscillator supply
Ground voltage
VSS
0V
Input current on any pin
during overload
condition
IOV
-5
5
mA
VOV > VDDP + 0.3V
VOV < VSS - 0.3V
Absolute sum of all input
currents at overload
condition
Σ| I
OV|
–|50|
mA
Ambient temperature
under bias
TA
-40
85
°C
CPU clock
fCPU
–100
MHz
External Load
Capacitance
CL
–50
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com