Electronic Components Datasheet Search
  English  ▼

X  

TC1920 Datasheet(PDF) 24 Page - Infineon Technologies AG

Part # TC1920
Description  32-Bit Single-Chip Microcontroller
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC1920 Datasheet(HTML) 24 Page - Infineon Technologies AG

Back Button TC1920 Datasheet HTML 20Page - Infineon Technologies AG TC1920 Datasheet HTML 21Page - Infineon Technologies AG TC1920 Datasheet HTML 22Page - Infineon Technologies AG TC1920 Datasheet HTML 23Page - Infineon Technologies AG TC1920 Datasheet HTML 24Page - Infineon Technologies AG TC1920 Datasheet HTML 25Page - Infineon Technologies AG TC1920 Datasheet HTML 26Page - Infineon Technologies AG TC1920 Datasheet HTML 27Page - Infineon Technologies AG TC1920 Datasheet HTML 28Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 78 page
background image
TC1920
Data Sheet
20
V 1.3, 2003-10
Preliminary
Peripheral Control Processor (PCP)
Figure 6
PCP block diagram
The PCP is designed to work in partnership with a host CPU and performs many of the
tasks that would conventionally be performed by CPU interrupt service routines or a
DMA controller. The PCP off-loads the host CPU from most of the time critical interrupts,
easing the implementation of systems based on operating systems.
In principle the PCP may be considered to be a conventional processor which only
executes code in response to interrupt service requests (i.e. has no processing which is
not at interrupt level). It has an architecture which efficiently supports DMA type of bus
transactions to / from arbitrary devices and memory addresses and also some
reasonable computational capabilities. Whenever the PCP responds to a PCP interrupt
request (which has a specific interrupt priority level) it will use a register set ("context")
specific to that individual interrupt level and will also generally execute code which is also
specific to that interrupt level. For this reason the term "Channel" will be used throughout
the remainder of this document to refer to all PCP resources associated with a particular
PCP interrupt level.
The architecture is flexible enough to allow the implementation of a subset of the
commands/instructions as a simple DMA controller.
The PCP has a Harvard architecture (i.e. separate code and data memory spaces). Any
FPI bus master (including the PCP itself) can access both PCP code (PCODE) and data
(PRAM) memory via the FPI bus.
M C B 04784_m od
PC P
Proc e s so r
Co re
PC P S e rvice
R eq. N odes
PS R N s
PC P In te rrup t
C o ntro l U n it
PICU
Pa ra m e te r
Me mo ry
PR AM
Cod e
Me mory
PC O D E
F P I-In te rfa c e
PC P In te rru p t
A rbitra tio n B u s
C P U In te rrup t
A rbitratio n B u s
FPI B us



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com