Electronic Components Datasheet Search
  English  ▼

X  

TC1920 Datasheet(PDF) 17 Page - Infineon Technologies AG

Part # TC1920
Description  32-Bit Single-Chip Microcontroller
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC1920 Datasheet(HTML) 17 Page - Infineon Technologies AG

Back Button TC1920 Datasheet HTML 13Page - Infineon Technologies AG TC1920 Datasheet HTML 14Page - Infineon Technologies AG TC1920 Datasheet HTML 15Page - Infineon Technologies AG TC1920 Datasheet HTML 16Page - Infineon Technologies AG TC1920 Datasheet HTML 17Page - Infineon Technologies AG TC1920 Datasheet HTML 18Page - Infineon Technologies AG TC1920 Datasheet HTML 19Page - Infineon Technologies AG TC1920 Datasheet HTML 20Page - Infineon Technologies AG TC1920 Datasheet HTML 21Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 78 page
background image
TC1920
Preliminary
Data Sheet
13
V 1.3, 2003-10
VDDP_OSC
210
C7
-
RTC & Main Oscillator Power Supply (3.3V)
VSSP_OSC
203
D8
-
RTC & Main Oscillator Ground (3.3V)
VSSP_OSC
209
A5
-
RTC & Main Oscillator Ground (3.3V)
VDD_PLL
198
D9
-
PLL Supply (1.8V)
VSS_PLL
199
B9
-
PLL Ground (1.8V)
VDDP_ADC
185
C12
-
ADC Port and Analog Part Power Supply (3.3V)
VSSP_ADC
184
B12
-
ADC Port and Analog Part Ground (3.3V)
VSSP_ADC
186
D12
-
ADC Port and Analog Part Ground (3.3V)
VSSP_ADC
196
D10
-
ADC Port and Analog Part Ground (3.3V)
VSSA_ADC
187
A12
-
ADC Analog Ground (3.3V)
VAREF_ADC
189
D11
-
ADC Reference Voltage
VAGND_ADC 188
B11
-
ADC Reference Ground
VDDP_COD0 166
E15
-
Codec 0 Port and Analog Part Power Supply
(3.3V)
VSSA_COD0
167
D15
-
Codec 0 Analog Ground
VDDP_COD1 175
E15
-
Codec 1 Port and Analog Part Power Supply
(3.3V)
VSSA_COD1
174
D15
-
Codec 1 Analog Ground
VSSP_COD0
168
C15
-
Codec 0 Pad Ground (3.3V)
VSSP_COD1
173
C15
Codec 1 Pad Ground (3.3V)
VREF_COD
178
B13
-
Codec 0,1 Reference Voltage
VGND_COD
179
C13
-
Codec 0,1 Reference Ground
VDDR
217
A2
-
Stand-By SRAM Power Supply (1.8V)
VDDR
224
C5
-
Stand-By SRAM Power Supply (1.8V)
VDD_GUARD 200
C9
-
Guard Ring Supply (1.8V)
VSS_GUARD 201
A8
-
Guard Ring Ground (1.8V)
VSS_GUARD 204
C8
-
Guard Ring Ground (1.8V)
VDD_SB
97
R15
-
Stand-By SRAM Battery Backed Stand-By Power
Supply (1.8V)
VDDP
4)
-
Port Pins Power Supply (3.3V)
Table 1
Pin Definitions and Functions
Symbol
Pad1)
BGA
BALL
In/
Out2)
Functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com