Electronic Components Datasheet Search
  English  ▼

X  

TC1920 Datasheet(PDF) 45 Page - Infineon Technologies AG

Part # TC1920
Description  32-Bit Single-Chip Microcontroller
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC1920 Datasheet(HTML) 45 Page - Infineon Technologies AG

Back Button TC1920 Datasheet HTML 41Page - Infineon Technologies AG TC1920 Datasheet HTML 42Page - Infineon Technologies AG TC1920 Datasheet HTML 43Page - Infineon Technologies AG TC1920 Datasheet HTML 44Page - Infineon Technologies AG TC1920 Datasheet HTML 45Page - Infineon Technologies AG TC1920 Datasheet HTML 46Page - Infineon Technologies AG TC1920 Datasheet HTML 47Page - Infineon Technologies AG TC1920 Datasheet HTML 48Page - Infineon Technologies AG TC1920 Datasheet HTML 49Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 78 page
background image
TC1920
Preliminary
Data Sheet
41
V 1.3, 2003-10
Absolute Maximum Ratings
Note: Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in
the operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
During absolute maximum rating overload conditions (
VIN>VDD or VIN<VSS) the
voltage on
VDD pins with respect to ground (VSS) must not exceed the values
defined by the absolute maximum ratings.
Parameter
Symbol
Limit Values
Unit Notes
min.
max.
Ambient temperature
TA
-40
85
°C
under bias
Storage temperature
TST
-65
150
°C
Junction temperature
TJ
–
125
°C
under bias
Voltage on I/O Supply pins with
respect to ground (
VSS)
VDDP
-0.5
4.2
V
Voltage on Core Supply pins
with respect to ground (
VSS)
VDD
-0.3
2.1
V
Voltage on PLL Supply pins
with respect to ground (
VSS)
VDDPLL
-0.3
2.1
V
PLL
Voltage between Oscillator
Supply Pins and ground (
VSS).
VDDOSC
-0.3
2.1
V
Voltage on any pin with respect
to ground (
VSS)
VIN
-0.5
4.2
V
Input current on any pin during
overload condition
IOV
-10
10
mA
Absolute sum of all input
currents at overload condition
ΣI
OV
–
|100|
mA
Power dissipation
PDISS
–1.4
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com