Electronic Components Datasheet Search
  English  ▼

X  

TC1920 Datasheet(PDF) 19 Page - Infineon Technologies AG

Part # TC1920
Description  32-Bit Single-Chip Microcontroller
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC1920 Datasheet(HTML) 19 Page - Infineon Technologies AG

Back Button TC1920 Datasheet HTML 15Page - Infineon Technologies AG TC1920 Datasheet HTML 16Page - Infineon Technologies AG TC1920 Datasheet HTML 17Page - Infineon Technologies AG TC1920 Datasheet HTML 18Page - Infineon Technologies AG TC1920 Datasheet HTML 19Page - Infineon Technologies AG TC1920 Datasheet HTML 20Page - Infineon Technologies AG TC1920 Datasheet HTML 21Page - Infineon Technologies AG TC1920 Datasheet HTML 22Page - Infineon Technologies AG TC1920 Datasheet HTML 23Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 78 page
background image
TC1920
Preliminary
Data Sheet
15
V 1.3, 2003-10
System Architecture and Control
32-Bit TriCore CPU
• 32-bit architecture with 4-GByte unified data, program and input/output address space
• Fast automatic context-switch
• Dual 16 x 16 Multiply-accumulate (MAC) unit
• Saturating integer arithmetic
• Register based design with multiple variable register banks
• Bit handling
• Packed data operations
• Zero overhead loop
• Precise exceptions
• Flexible power management
Instruction Set with High Efficiency:
• 16/32-bit instructions for reduced code size
• Little endian byte ordering with support for big and little endian byte ordering at bus
interface
• Boolean, array of bits, character, signed and unsigned integer, integer with saturation,
signed fraction, double word integers and IEEE-754 single precision floating-point
data types
• Bit, 8-bit byte, 16-bit half word, 32-bit word and 64-bit double word data formats
• Powerful instruction set
• Flexible and efficient addressing mode for high code density
On-chip Code Memories
PMU Scratch-Pad SRAM (CSRAM):
The PMU memory consists of 24-KByte Code Scratchpad RAM (CSRAM) and 8-KByte
Instruction Cache (ICACHE).
Address range of the CSRAM:
• D400 0000H - D400 5FFFH
Boot ROM (BROM):
The TC1920 contains 32 KByte of Boot ROM memory, which can be used for device
operating mode initialization routines, bootstrap loader support or test functions.
The address range of the Boot ROM is:
• DFFF 8000H – DFFF FFFFH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com