Electronic Components Datasheet Search
  English  ▼

X  

TC1920 Datasheet(PDF) 29 Page - Infineon Technologies AG

Part # TC1920
Description  32-Bit Single-Chip Microcontroller
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC1920 Datasheet(HTML) 29 Page - Infineon Technologies AG

Back Button TC1920 Datasheet HTML 25Page - Infineon Technologies AG TC1920 Datasheet HTML 26Page - Infineon Technologies AG TC1920 Datasheet HTML 27Page - Infineon Technologies AG TC1920 Datasheet HTML 28Page - Infineon Technologies AG TC1920 Datasheet HTML 29Page - Infineon Technologies AG TC1920 Datasheet HTML 30Page - Infineon Technologies AG TC1920 Datasheet HTML 31Page - Infineon Technologies AG TC1920 Datasheet HTML 32Page - Infineon Technologies AG TC1920 Datasheet HTML 33Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 78 page
background image
TC1920
Preliminary
Data Sheet
25
V 1.3, 2003-10
Asynchronous/Synchronous Serial Interfaces (ASC 0/1/2)
The Asynchronous/Synchronous Serial Interface ASC provides serial communication
between the TriCore and other microcontrollers, microprocessors or external
peripherals. The implementation is held parametrizable in order to allow the usage of
parallel busses of different width and with different protocols.
Features:
• Full duplex asynchronous operating modes
– 8- or 9-bit data frames, LSB first
– Parity bit generation/checking
– One or two stop bits
– Baudrate from 3.125 MBaud to 0.74 Baud (@ 50 MHz module clock)
– Multiprocessor mode for automatic address/data byte detection
– Loop-back capability
• Half-duplex 8-bit synchronous operating mode
– Baudrate from 6.25 MBaud to 637 Baud (@ 50 MHz module clock)
• Double buffered transmitter/receiver
• Interrupt generation
– on a transmitter buffer empty condition
– on a transmit last bit of a frame condition
– on a receiver buffer full condition
– on an error condition (frame, parity, overrun error)
• Support for IrDA
• Automatic Baudrate Detection
• 8 Byte FIFO
Speech Interface
(Codec)
F000 2400H -
F000 24FFH
2*2 analog IN,
2*2 analog OUT,
CEXT,
CODEC_DIS
CODEC_SRC0..5
Analog to Digital
Converter (ADC)
F000 2200H -
F000 23FFH
AIN[5:0] = P4,
ADEMUX[2:0],
ADEXTIN
ADC_SRC0..3
Table 3
Peripheral Modules (cont’d)
Module
Address Range
I/O Lines
Interrupt Nodes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com