Electronic Components Datasheet Search
  English  ▼

X  

TC1920 Datasheet(PDF) 39 Page - Infineon Technologies AG

Part # TC1920
Description  32-Bit Single-Chip Microcontroller
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC1920 Datasheet(HTML) 39 Page - Infineon Technologies AG

Back Button TC1920 Datasheet HTML 35Page - Infineon Technologies AG TC1920 Datasheet HTML 36Page - Infineon Technologies AG TC1920 Datasheet HTML 37Page - Infineon Technologies AG TC1920 Datasheet HTML 38Page - Infineon Technologies AG TC1920 Datasheet HTML 39Page - Infineon Technologies AG TC1920 Datasheet HTML 40Page - Infineon Technologies AG TC1920 Datasheet HTML 41Page - Infineon Technologies AG TC1920 Datasheet HTML 42Page - Infineon Technologies AG TC1920 Datasheet HTML 43Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 78 page
background image
TC1920
Preliminary
Data Sheet
35
V 1.3, 2003-10
Features:
The following functionality has been implemented in the on chip ADC module to fulfill the
enhanced requirements of embedded control applications:
• 8-bit, 10-bit, 12-bit A/D Conversion
• Successive approximation conversion method
• Total Unadjusted Error (TUE) of
± 2 LSB @ 10-bit resolution
• Integrated sample and hold functionality
• 6 analog input channels
• Dedicated control and status registers for each analog channel
• Flexible conversion request mechanisms
• Selectable reference voltages for each channel
• Programmable sample and conversion timing schemes
• Limit checking
• Flexible ADC module service request control unit
• Automatic control of external analog multiplexer
• Equidistant samples initiated by timer
• External trigger inputs for conversion requests
• Power reduction and clock control feature
Real Time Clock Unit RTC
The Real Time Clock (RTC) module is basically an independent timer chain and counts
clock ticks. The base frequency of the RTC can be programmed via a reload counter.
The RTC can work fully asynchronous to the system frequency and is optimized on low
power consumption.
Features:
The RTC serves different purposes:
• Absolute system clock to determine the current time and date
• Cyclic time based interrupt
• Alarm interrupt for wake up on a defined time
• 48-bit timer for long term measurements



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com