Electronic Components Datasheet Search
  English  ▼

X  

TC1920 Datasheet(PDF) 60 Page - Infineon Technologies AG

Part # TC1920
Description  32-Bit Single-Chip Microcontroller
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC1920 Datasheet(HTML) 60 Page - Infineon Technologies AG

Back Button TC1920 Datasheet HTML 56Page - Infineon Technologies AG TC1920 Datasheet HTML 57Page - Infineon Technologies AG TC1920 Datasheet HTML 58Page - Infineon Technologies AG TC1920 Datasheet HTML 59Page - Infineon Technologies AG TC1920 Datasheet HTML 60Page - Infineon Technologies AG TC1920 Datasheet HTML 61Page - Infineon Technologies AG TC1920 Datasheet HTML 62Page - Infineon Technologies AG TC1920 Datasheet HTML 63Page - Infineon Technologies AG TC1920 Datasheet HTML 64Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 78 page
background image
TC1920
Data Sheet
56
V 1.3, 2003-10
Preliminary
Figure 21
Approximated Maximum Accumulated PLL Jitter
The following two formulas define the (absolute) approximate maximum value of jitter
DN
in [ns] dependent on the K-factor, the system clock frequency
fSYS in [MHz], and the
number
P of consecutive fSYS periods.
[1]
[2]
With rising number
P of clock cycles the maximum jitter increases linearly up to a specific
value of
P. Beyond this value of P the maximum accumulated jitter remains at a constant
value.
TC1920_pll_jitter
0
±0.0
P
ns
D
N
±1.0
±2.0
±3.0
±5.0
510
15
20
25
30
±4.0
35
D
N
P
K
= Max. jitter
= Number of consecutive
f
SYS periods
= K-divider of PLL
f
SYS = 100 MHz (K = 3)
f
SYS =
80 MHz (
K = 3)
f
SYS =
60 MHz (
K = 5)
f
SYS =
40 MHz (
K = 7)
for
P < 0.25
× f
SYS
DN [ns] = ± [(
735
fSYS × K
+ 0.9)
×
P
fSYS × 0.25
+ 0.5 ]
for
P >
DN [ns] = ± [
0.25
× f
SYS
735
fSYS × K
+ 1.4 ]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com