Electronic Components Datasheet Search
  English  ▼

X  

TC1920 Datasheet(PDF) 22 Page - Infineon Technologies AG

Part # TC1920
Description  32-Bit Single-Chip Microcontroller
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC1920 Datasheet(HTML) 22 Page - Infineon Technologies AG

Back Button TC1920 Datasheet HTML 18Page - Infineon Technologies AG TC1920 Datasheet HTML 19Page - Infineon Technologies AG TC1920 Datasheet HTML 20Page - Infineon Technologies AG TC1920 Datasheet HTML 21Page - Infineon Technologies AG TC1920 Datasheet HTML 22Page - Infineon Technologies AG TC1920 Datasheet HTML 23Page - Infineon Technologies AG TC1920 Datasheet HTML 24Page - Infineon Technologies AG TC1920 Datasheet HTML 25Page - Infineon Technologies AG TC1920 Datasheet HTML 26Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 78 page
background image
TC1920
Data Sheet
18
V 1.3, 2003-10
Preliminary
External Bus Interface (EBU_LMB)
EBU_LMB is connected to the Local Memory Bus (LMB) of the TC1920 and also to the
FPI Bus. EBU_LMB is always a slave on the LMB and a master/slave on the FPI bus.
Any LMB masters thus can access external memories or devices through EBU_LMB.
Currently the maximum length of the bursts are according to the size of program and
data cache lines, i.e. 8 x 32-bit words. Single transfers (non-burst) are supported for 8-
bit, 16-bit and 32-bit wide access.
Figure 4
EBU_LMB block diagram
Features supported in EBU_LMB:
• Local Memory Bus (LMB 64-bit) support.
• External bus frequency: LMB frequency = 1:1 or 1:2 or 1:4.
• Highly programmable access parameters.
• Intel-style and Motorola-style peripheral/device support.
• SDRAM support (burst access, multibanking, precharge, refresh).
• 16- and 32-bit SDRAM data bus and support of 64, 128 and 256MBit devices.
• Burst flash support.
• Multiplexed access (address & data on the same bus) when SDRAM is not present on
the External Bus.
• Data Buffering: Code Prefetch Buffer, Read/Write Buffer.
• External master arbitration (compatible to C166 and other TriCore devices).
• 8 programmable address regions (1 dedicated for emulator).
• Little-endian and Big-endian support.
•CSGLB signal, dedicated pin, bit programmable to combine one or more CS lines, for
buffer control.
•RMW signal reflecting a read-modify-write action.
• Signal for controlling data flow of slow-memory buffer.
• Slave unit for external (off-chip) master to access devices on the FPI bus.
• Master unit for FPI master to access external (off-chip) devices.
• Data Mover Engine.
SD RA M
B u ffe r
XBC
EBU _ L M B
XM I
FPI Bu s 3 2 -b it
LM B Bu s 6 4 -b it
DM E
EBU L3045_L
Ex te rn a l Bu s U n it
Ex te rn al
Ma s te r
Slow er
D e vices
50 M H z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com