Electronic Components Datasheet Search
  English  ▼

X  

TC1920 Datasheet(PDF) 74 Page - Infineon Technologies AG

Part # TC1920
Description  32-Bit Single-Chip Microcontroller
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC1920 Datasheet(HTML) 74 Page - Infineon Technologies AG

Back Button TC1920 Datasheet HTML 70Page - Infineon Technologies AG TC1920 Datasheet HTML 71Page - Infineon Technologies AG TC1920 Datasheet HTML 72Page - Infineon Technologies AG TC1920 Datasheet HTML 73Page - Infineon Technologies AG TC1920 Datasheet HTML 74Page - Infineon Technologies AG TC1920 Datasheet HTML 75Page - Infineon Technologies AG TC1920 Datasheet HTML 76Page - Infineon Technologies AG TC1920 Datasheet HTML 77Page - Infineon Technologies AG TC1920 Datasheet HTML 78Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 74 / 78 page
background image
TC1920
Data Sheet
70
V 1.3, 2003-10
Preliminary
SSC Master Mode Timing
(Operating Conditions apply;
CL = 50 pF)
Figure 30
SSC Master Mode Timing
Parameter
Symbol
Limit Values
Unit
min.
max.
SCLK period
tSCLK
CC
40
ns
MTSR low/high from SCLK edge
t 5
CC
-
2.0
ns
MRST setup to SCLK edge
t 6
SR
15
-
ns
MRST hold from SCLK edge
t 7
SR
15
-
ns
0.9
V
DD
M C T04885m od
0.5
V
DD
SCLK
t
SC L K
0.1
V
DD
0.9
V
DD
0.5
V
DD
0.1
V
DD
(C O N .P O ,C O N .P H =00 or 11)
SCLK
(C O N .P O ,C O N .P H =01 or 10)
t
5
S tate n -1
S ta te n
S ta te n +1
Da ta va lid
D a ta v a lid
t
6
t
7
MTSR
MRST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com