Electronic Components Datasheet Search
  English  ▼

X  

TC1920 Datasheet(PDF) 27 Page - Infineon Technologies AG

Part # TC1920
Description  32-Bit Single-Chip Microcontroller
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC1920 Datasheet(HTML) 27 Page - Infineon Technologies AG

Back Button TC1920 Datasheet HTML 23Page - Infineon Technologies AG TC1920 Datasheet HTML 24Page - Infineon Technologies AG TC1920 Datasheet HTML 25Page - Infineon Technologies AG TC1920 Datasheet HTML 26Page - Infineon Technologies AG TC1920 Datasheet HTML 27Page - Infineon Technologies AG TC1920 Datasheet HTML 28Page - Infineon Technologies AG TC1920 Datasheet HTML 29Page - Infineon Technologies AG TC1920 Datasheet HTML 30Page - Infineon Technologies AG TC1920 Datasheet HTML 31Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 78 page
background image
TC1920
Preliminary
Data Sheet
23
V 1.3, 2003-10
On-Chip Peripheral Units
The TC1920 offers several on-chip peripheral units such as serial controllers, timer units,
AD converter and Codec interface. Within the TC1920 all these peripheral units are
connected to the TriCore CPU/system via the FPI (Flexible Peripheral Interconnect) Bus.
Several IO lines on the TC1920 ports are reserved for these peripheral units to
communicate with the external world.
Peripheral Units of the TC1920:
• Three Asynchronous/Synchronous Serial Channels with baudrate generator, parity,
framing and overrun error detection, IrDA mode, FIFO buffers.
• One High Speed Synchronous Serial Channels with programmable data length and
shift direction
• TwinCAN Module with two interconnected CAN nodes for high efficiency data
handling via FIFO buffering and gateway data transfer
• Serial Data Link Module compliant to SAE Class B J1850 specification
• IIC module with connection to 2 external busses
• 2 multi-functional General Purpose Timer Units with three 32-bit timer/counter
• One Analog-to-Digital Converter Units with 8-bit, 10-bit, or 12-bit resolution and 6
analog inputs
• Dual channel Codec interface
• GPIO blocks
LMB Bus Control Unit
(LCU)
F87F FE00H -
F87F FEFFH
-
LCU_SRC
LMB to FPI Bus Bridge
(LFI)
F87F FF00H -
F87F FFFFH
--
Port Control
(Ports 0, 1, 2, 3, 5)
F000 2800H -
F000 2CFFH
P0 (7), P1(7),
P2(15), P3(15),
P5(15)
-
Debug Support
(JTAG, OCDS)
F000 0400H -
F000 04FFH
TRST, TCK, TDI,
TDO, TMS, OCDSE,
BRKIN, BRKOUT,
16 trace outputs
-
1)
This address range is also accessed via the CPS by the FPI bus.
2)
This address range is accessed via the LMB.
3)
The NMI is directly connected to the core (no SRC) and always acts on the highest priority. It is used as highest
priority interrupt for the NMI input, the watchdog, the PLL and for wake-up via the RTC or via the EXIx inputs.
Table 2
Core-related and System Control Modules (cont’d)
Module
Address Range
I/O Lines
Interrupt
Nodes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com