Electronic Components Datasheet Search
  English  ▼

X  

TC1920 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TC1920
Description  32-Bit Single-Chip Microcontroller
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC1920 Datasheet(HTML) 5 Page - Infineon Technologies AG

  TC1920 Datasheet HTML 1Page - Infineon Technologies AG TC1920 Datasheet HTML 2Page - Infineon Technologies AG TC1920 Datasheet HTML 3Page - Infineon Technologies AG TC1920 Datasheet HTML 4Page - Infineon Technologies AG TC1920 Datasheet HTML 5Page - Infineon Technologies AG TC1920 Datasheet HTML 6Page - Infineon Technologies AG TC1920 Datasheet HTML 7Page - Infineon Technologies AG TC1920 Datasheet HTML 8Page - Infineon Technologies AG TC1920 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 78 page
background image
TC1920
Preliminary
Data Sheet
1
V 1.3, 2003-10
TC1920 Features
The TC1920 offers a 32 bit TriCore based microcontroller/DSP, which is mainly designed
for automotive telematics applications. Due to its high integration, this microcontroller/
DSP offers high system performance at minimized cost. Typical telematics functions
processed by RISC-, DSP- and speech- (CODEC) modules are now combined in one
component. The combination of dedicated automotive peripherals (CAN, J1850) and
standard peripherals (ADC, SSC/SPI, ASC and IIC), makes this microcontroller/DSP the
engine tailored for a wide variety of telematics applications such as navigation,
emergency call, speech interface or communication interface.
• TriCore CPU/DSP with 4-Stage Pipeline:
– 100 MHz max. CPU clock frequency, 50 MHz max. FPI Bus clock frequency.
– 32-bit super-scalar TriCore main CPU
– 4-GByte unified memory space support
– Fast context-switching
– Dual 16 x 16 Multiply-Accumulate (MAC) Unit
– 64-bit Local Memory Bus (LMB)
– 32-bit Flexible Peripheral Interface (FPI)
– 32-bit wide external bus unit (EBU)
• 32-bit Peripheral Control Processor (PCP2) with DMA-support
• On-chip memories:
– 24 KByte Code Scratch-Pad RAM (CSRAM)
– 8 KByte Instruction Cache (ICACHE)
– 24 KByte Data Scratch-Pad RAM (DSRAM)
– 8 KByte Data Cache (DCACHE)
– 64 KByte fast LMB SRAM
– 16 KByte FPI SRAM (of which 8 KByte Stand-By SRAM)
– 20 KByte PCP RAM: 16 KByte Code and 4 KByte Data SRAM
– 32 KByte Boot ROM
• Product Specific Peripherals:
– 14-bit double CODEC with flexible sample rates and FIFO support
• Automotive Peripherals:
– Two independent CAN-nodes (TwinCAN) with gateway support
– J1850 (SDLM)
• Standard Peripherals:
– 6-channel, 8-/10-/12-bit ADC
– 3 x asynchronous serial interface (ASC) with IrDa-support
– 1 SPI-compatible synchronous serial interface
– 2-channel IIC
– 6 x 32 bit timer
–
≥ 16 I/O- and interrupt pins (GPIO)
• General Peripherals:
– Real time clock (RTC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com