Electronic Components Datasheet Search
  English  ▼

X  

TC1920 Datasheet(PDF) 16 Page - Infineon Technologies AG

Part # TC1920
Description  32-Bit Single-Chip Microcontroller
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC1920 Datasheet(HTML) 16 Page - Infineon Technologies AG

Back Button TC1920 Datasheet HTML 12Page - Infineon Technologies AG TC1920 Datasheet HTML 13Page - Infineon Technologies AG TC1920 Datasheet HTML 14Page - Infineon Technologies AG TC1920 Datasheet HTML 15Page - Infineon Technologies AG TC1920 Datasheet HTML 16Page - Infineon Technologies AG TC1920 Datasheet HTML 17Page - Infineon Technologies AG TC1920 Datasheet HTML 18Page - Infineon Technologies AG TC1920 Datasheet HTML 19Page - Infineon Technologies AG TC1920 Datasheet HTML 20Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 78 page
background image
TC1920
Data Sheet
12
V 1.3, 2003-10
Preliminary
P5
TRACE
[15:0]
P5.0
P5.1
P5.2
P5.3
P5.4
P5.5
P5.6
P5.7
P5.8
P5.9
P5.10
P5.11
P5.12
P5.13
P5.14
P5.15
70
69
68
67
63
62
61
60
59
58
54
53
52
51
48
47
V15
U14
T13
R14
V14
R13
U13
T12
R12
R11
V13
U12
T11
V12
U11
V11
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
Port 5
Trace Lines to output CPU or PCP2 OCDS level 2
trace signals
CPU or PCP2 trace output 0 / GPIO
CPU or PCP2 trace output 1 / GPIO
CPU or PCP2 trace output 2 / GPIO
CPU or PCP2 trace output 3 / GPIO
CPU or PCP2 trace output 4 / GPIO
CPU or PCP2 trace output 5 / GPIO
CPU or PCP2 trace output 6 / GPIO
CPU or PCP2 trace output 7 / GPIO
CPU or PCP2 trace output 8 / GPIO
CPU or PCP2 trace output 9 / GPIO
CPU or PCP2 trace output 10 / GPIO
CPU or PCP2 trace output 11 / GPIO
CPU or PCP2 trace output 12 / GPIO
CPU or PCP2 trace output 13 / GPIO
CPU or PCP2 trace output 14 / GPIO
CPU or PCP2 trace output 15 / GPIO
BYPASS
161
B17
I,d
PLL Bypass Control Input.
NMI
160
A18
I,u
Non-Maskable Interrupt Input
HRST
159
D16
I/O,u
Bidirectional Hardware Reset
PORST
158
B18
I,u
Power-on Reset Input
PORST must be active during power-up of the
device
CLKOUT
156
C17
O
CPU Clock Output
XTAL1
XTAL2
208
207
A6
B7
I
O
PLL/Oscillator Input/Output
XTAL3
XTAL4
214
213
A4
B5
I
O
Real Time Clock Oscillator input/output (32 KHz)
VDD_OSC1
206
A7
-
Main Oscillator Power Supply (1.8V)
VDD_OSC2
212
C6
-
RTC Oscillator Power Supply (1.8V)
VSS_OSC
211
B6
-
RTC & Main Oscillator Ground (1.8V)
VDDP_OSC
205
D7
-
RTC & Main Oscillator Power Supply (3.3V)
Table 1
Pin Definitions and Functions
Symbol
Pad1)
BGA
BALL
In/
Out2)
Functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com