Electronic Components Datasheet Search
  English  ▼

X  

TC1920 Datasheet(PDF) 26 Page - Infineon Technologies AG

Part # TC1920
Description  32-Bit Single-Chip Microcontroller
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC1920 Datasheet(HTML) 26 Page - Infineon Technologies AG

Back Button TC1920 Datasheet HTML 22Page - Infineon Technologies AG TC1920 Datasheet HTML 23Page - Infineon Technologies AG TC1920 Datasheet HTML 24Page - Infineon Technologies AG TC1920 Datasheet HTML 25Page - Infineon Technologies AG TC1920 Datasheet HTML 26Page - Infineon Technologies AG TC1920 Datasheet HTML 27Page - Infineon Technologies AG TC1920 Datasheet HTML 28Page - Infineon Technologies AG TC1920 Datasheet HTML 29Page - Infineon Technologies AG TC1920 Datasheet HTML 30Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 78 page
background image
TC1920
Data Sheet
22
V 1.3, 2003-10
Preliminary
On-Chip Debug System (OCDS)
The TC1920 architecture is supporting OCDS level 1 and 2.
Level
Run Time
Control
System access via
Basic PC trace
JTAG
Trace bus
1Yes
Yes
No
No
2
Yes
Yes
Yes
Yes
Table 2
Core-related and System Control Modules
Module
Address Range
I/O Lines
Interrupt
Nodes
TriCore CPU
Slave Registers (CPS)
F7E0 FF00H -
F7E0 FFFFH
-
CPU_SRC0..3
CPU_SRCSB
Memory Management1)
Unit (MMU)
F7E1 8000H -
F7E1 80FFH
--
Segment Protection
Registers1)
F7E1 C000H -
F7E1 C0FFH
--
Core Debug1)
(Core OCDS)
F7E1 FD00H -
F7E1 FDFFH
--
TriCore CPU1)
SFR, GPR
F7E1 FE00H -
F7E1 FFFFH
--
Program Memory Unit2)
(PMU)
F87F FD00H -
F87F FDFFH
--
Data Memory Unit2)
(DMU)
F87F FC00H -
F87F FCFFH
--
Peripheral Control
Processor (PCP)
F000 3F00H -
F000 3FFFH
-
PCP_SRC0..11
External Bus Unit
(EBU)
F800 0000H -
F800 03FFH
AD[31:0], A[23:0],
27 control lines
-
System Control Unit
(SCU)
F000 0000H -
F000 00FFH
4 XTAL, PORST,
HRST, 8 EXIN, NMI,
4 test, CLKOUT,
BYPASS
EXI_SRC0..4
NMI3)
FPI Bus Control Unit
(BCU)
F000 0200H -
F000 02FFH
-
BCU_SRC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com