Electronic Components Datasheet Search
  English  ▼

X  

TC1920 Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # TC1920
Description  32-Bit Single-Chip Microcontroller
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC1920 Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button TC1920 Datasheet HTML 10Page - Infineon Technologies AG TC1920 Datasheet HTML 11Page - Infineon Technologies AG TC1920 Datasheet HTML 12Page - Infineon Technologies AG TC1920 Datasheet HTML 13Page - Infineon Technologies AG TC1920 Datasheet HTML 14Page - Infineon Technologies AG TC1920 Datasheet HTML 15Page - Infineon Technologies AG TC1920 Datasheet HTML 16Page - Infineon Technologies AG TC1920 Datasheet HTML 17Page - Infineon Technologies AG TC1920 Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 78 page
background image
TC1920
Data Sheet
10
V 1.3, 2003-10
Preliminary
P3
P3.0
P3.1
P3.2
P3.3
P3.4
P3.5
P3.6
P3.7
P3.8
P3.9
P3.10
P3.11
P3.12
P3.13
P3.14
P3.15
107
108
109
110
115
116
117
118
119
120
124
125
126
127
128
129
L15
M16
M17
M18
L17
L16
L18
K17
K18
J18
K16
J17
J15
H18
H17
J16
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
Port 3
Port 3 is a 16-bit bidirectional general purpose I/O
port which is also used as input/output for serial
interfaces (ASC0 and ASC1), for timer (GPTU0)
and ADC control lines
GPTU0.0
GPTU0 I/O line 0
GPTU0.1
GPTU0 I/O line 1
GPTU0.2
GPTU0 I/O line 2
GPTU0.3
GPTU0 I/O line 3
GPTU0.4
GPTU0 I/O line 4
GPTU0.5
GPTU0 I/O line 5
GPTU0.6
GPTU0 I/O line 6
GPTU0.7
GPTU0 I/O line 7
RXD1
ASC1 receiver input/output
TXD1
ASC1 transmitter output
RXD2
ASC2 receiver input/output
TXD2
ASC2 transmitter output
OSCBYP latch-in input
ADCMUX0/EXI5IN/HWCFG0
ADC external mux control 0 /
external interrupt input 5 /
hardware configuration input 0 /
ADCMUX1/EXI6IN/HWCFG1
ADC external mux control 1 /
external interrupt input 6 /
hardware configuration input 1
ADCMUX2/EXI7IN/HWCFG2
ADC external mux control 2 /
external interrupt input 7/
hardware configuration input 2
ADEXTIN
ADC external trigger input
Table 1
Pin Definitions and Functions
Symbol
Pad1)
BGA
BALL
In/
Out2)
Functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com