Electronic Components Datasheet Search
  English  ▼

X  

TC1920 Datasheet(PDF) 35 Page - Infineon Technologies AG

Part # TC1920
Description  32-Bit Single-Chip Microcontroller
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC1920 Datasheet(HTML) 35 Page - Infineon Technologies AG

Back Button TC1920 Datasheet HTML 31Page - Infineon Technologies AG TC1920 Datasheet HTML 32Page - Infineon Technologies AG TC1920 Datasheet HTML 33Page - Infineon Technologies AG TC1920 Datasheet HTML 34Page - Infineon Technologies AG TC1920 Datasheet HTML 35Page - Infineon Technologies AG TC1920 Datasheet HTML 36Page - Infineon Technologies AG TC1920 Datasheet HTML 37Page - Infineon Technologies AG TC1920 Datasheet HTML 38Page - Infineon Technologies AG TC1920 Datasheet HTML 39Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 78 page
background image
TC1920
Preliminary
Data Sheet
31
V 1.3, 2003-10
Serial Data Link Module (J1850)
Figure 11 shows a global view of the functional blocks of the J1850 interface.
Figure 11
General Block Diagram of the SDLM Interface
The J1850 module communicates with the external world via two I/O lines, the J1850
bus. The RXD line is the receive data input signal and TXD is the transmit data output
signal. The Serial Data Link Module provides serial communication to a J1850 based
serial bus. J1850 bus transceivers have to be implemented externally in a system. The
J1850 module is conform to the SAE Class B J1850 specification and compatible to
class 2 protocol.
General SDLM Features:
• Compliant to SAE Class B J1850 specification
• Full support of GM class 2 protocol
• Variable Pulse Width (VPW) format with 10.4 kBaud
• High speed receive/transmit 4x mode with 41.6 kBaud
• Digital noise filter
• Power save mode and automatic wake up upon bus activity
• Support of single byte headers or consolidated headers
• CRC generation & check
• Support of block mode for receive and transmit
Data Link Operation Features:
• 11 bytes transmit buffer
• Double buffered 11 bytes receive buffer
• Support of In-frame response (IFR) types 1,2,3
• Advanced interrupt handling for RX, TX and error conditions
• All interrupt sources can be enabled/disabled individually
• Support of automatic IFR for types 1,2 for three byte consolidated headers
M C B 04550
Clo c k
Con tro l
A ddress
De c o de r
Interru p t
Con tro l
f
SD LM
SD L M
M odule
(K ernel)
Port
Con tro l
RX J 1 85 0
RX D
TXD
TX J1850



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com