Electronic Components Datasheet Search
  English  ▼

X  

TC1920 Datasheet(PDF) 32 Page - Infineon Technologies AG

Part # TC1920
Description  32-Bit Single-Chip Microcontroller
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC1920 Datasheet(HTML) 32 Page - Infineon Technologies AG

Back Button TC1920 Datasheet HTML 28Page - Infineon Technologies AG TC1920 Datasheet HTML 29Page - Infineon Technologies AG TC1920 Datasheet HTML 30Page - Infineon Technologies AG TC1920 Datasheet HTML 31Page - Infineon Technologies AG TC1920 Datasheet HTML 32Page - Infineon Technologies AG TC1920 Datasheet HTML 33Page - Infineon Technologies AG TC1920 Datasheet HTML 34Page - Infineon Technologies AG TC1920 Datasheet HTML 35Page - Infineon Technologies AG TC1920 Datasheet HTML 36Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 78 page
background image
TC1920
Data Sheet
28
V 1.3, 2003-10
Preliminary
Inter-IC Interface (IIC)
IIC supports a certain protocol to allow devices to communicate directly with each other
via two wires. One line is responsible for clock transfer and synchronization (SCL), the
other is responsible for the data transfer (SDA).
The on-chip IIC Bus module connects the platform buses to other external controllers
and/or peripherals via the two-line serial IIC interface. The IIC Bus module provides
communication at data rates of up to 400 kBit/s and features 7-bit addressing as well as
10-bit addressing. This module is fully compatible to the IIC bus protocol.
Figure 9
IIC Bus Line Connections
The module can operate in three different modes:
Master mode, where the IIC controls the bus transactions and provides the clock signal.
Slave mode, where an external master controls the bus and provides the clock signal.
Multimaster mode, where several masters can be connected to the bus, i.e. the IIC can
be master or slave.
The module unloads the CPU of low level tasks like:
• (De)Serialization of bus data.
• Generation of start and stop conditions.
• Monitoring the bus lines in slave mode.
• Evaluation of the device address in slave mode.
• Bus access arbitration in multimaster mode.
IIC Features:
• Extended buffer allows up to 4 send/receive data bytes to be stored.
• Selectable baud rate generation.
• Support of standard 100 kBaud and extended 400 kBaud data rates.
• Operation in 7-bit addressing mode or 10-bit addressing mode.
• Flexible control via interrupt service routines or by polling.
• Dynamic access to up to 2 physical IIC busses.
IIC K e rn e l
Ge n e ric
d a ta lin e
Ge n e ric
clock lin e
SD A0
SD A1
SC L0
SC L1
IIC M o d u le



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com